Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD2003B Datasheet(PDF) 10 Page - Texas Instruments

Part # UCD2003B
Description  High-Voltage, High-Current Darlington Transistor Array
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD2003B Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCD2003B Datasheet HTML 6Page - Texas Instruments UCD2003B Datasheet HTML 7Page - Texas Instruments UCD2003B Datasheet HTML 8Page - Texas Instruments UCD2003B Datasheet HTML 9Page - Texas Instruments UCD2003B Datasheet HTML 10Page - Texas Instruments UCD2003B Datasheet HTML 11Page - Texas Instruments UCD2003B Datasheet HTML 12Page - Texas Instruments UCD2003B Datasheet HTML 13Page - Texas Instruments UCD2003B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Output C
COM
E
3 k
2 .7 k
Input B
7.2 k
Copyright © 2016, Texas Instruments Incorporated
10
ULN2003B
SLRS064B – JUNE 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ULN2003B
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
This standard device has proven ubiquity and versatility across a wide range of applications. This is due to it's
integration of 7 Darlington transistors that are capable of sinking up to 500 mA and wide GPIO range capability.
The ULN2003B comprises seven high voltage, high current NPN Darlington transistor pairs. All units feature a
common emitter and open collector outputs. To maximize their effectiveness, these units contain suppression
diodes for inductive loads. The ULN2003B has a series base resistor to each Darlington pair, thus allowing
operation directly with TTL or CMOS operating at supply voltages of 5 V or 3.3 V. The ULN2003B offers
solutions to a great many interface needs, including solenoids, relays, lamps, small motors, and LEDs.
Applications requiring sink currents beyond the capability of a single output may be accommodated by paralleling
the outputs.
This device can operate over a wide temperature range (–40°C to +105°C).
8.2 Functional Block Diagram
All resistor values shown are nominal.
Figure 22. Schematic (Each Driver)
8.3 Feature Description
Each channel of ULN2003B consists of Darlington connected NPN transistors. This connection creates the effect
of a single transistor with a very high current gain. This beta can be high at certain currents see Figure 5.
The GPIO voltage is converted to base current through the 2.7-kΩ resistor connected between the input and
base of the pre-driver Darlington NPN. The 7.2-kΩ and 3-kΩ resistors connected between the base and emitter
of each respective NPN act as pull-downs and suppress the amount of leakage that may occur from the input.
The diodes connected between the output and COM pin is used to suppress the kick-back voltage from an
inductive load that is excited when the NPN drivers are turned off (stop sinking) and the stored energy in the
coils causes a reverse current to flow into the coil supply through the kick-back diode.
In normal operation the diodes on base and collector pins to emitter will be reversed biased. If these diode are
forward biased, internal parasitic NPN transistors will draw (a nearly equal) current from other (nearby) device
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com