| Electronic Components Datasheet Search |
|
UCD3138128APFC Datasheet(PDF) 75 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138128APFC Datasheet(HTML) 75 Page - Texas Instruments |
|
75 / 83 page ![]() 75 UCD3138128A www.ti.com SLUSC99 – JULY 2016 Product Folder Links: UCD3138128A Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 13 Device and Documentation Support 13.1 Device Support 13.1.1 Development Support The application firmware for the UCD3138xA is developed on Texas Instruments Code Composer Studio (CCS) integrated development environment. Device programming, real time debug and monitoring/configuration of key device parameters for certain power topologies are all available through Texas Instruments’ FUSION_DIGITAL_POWER_DESIGNER Graphical User Interface (http://www.ti.com/tool/fusion_digital_power_designer). The FUSION_DIGITAL_POWER_DESIGNER software application uses the PMBus protocol to communicate with the device over a serial bus using an interface adaptor known as the USB-TO-GPIO, available as an EVM from Texas Instruments (http://www.ti.com/tool/usb-to-gpio). PMBUS-based real-time debug capability is available through the ‘Memory Debugger’ tool within the Device GUI module of the FUSION_DIGITAL_POWER_DESIGNER GUI, which represents a powerful alternative over traditional JTAG-based approaches’. The software application can also be used to program the devices, with a version of the tool known as FUSION_MFR_GUI optimized for manufacturing environments (http://www.ti.com/tool/fusion_mfr_gui). The FUSION_MFR_GUI tool supports multiple devices on a board, and includes built-in logging and reporting capabilities. 13.2 Documentation Support 13.2.1 Related Documentation In terms of reference documentation, the following programmer’s manuals are available offering detailed information regarding the application and usage of UCD3138xA digital controller: 1. UCD3138064A or UCD3138128A Programmer's Manual 2. UCD3138 Digital Power Peripheral Programmer's Manual Key Tpics Covered in This Manual Include: – Digital Pulse Width Modulator (DPWM) – Modes of Operation (Normal/Multi/Phase-shift/Resonant etc) – Automatic Mode Switching – DPWMC, Edge Generation and Intra-Mux – Front End – Analog Front End – Error ADC or EADC – Front End DAC – Ramp Module – Successive Approximation Register Module – Filter – Filter Math – Loop Mux – Analog Peak Current Mode – Constant Power/Constant Current (CPCC) – Automatic Cycle Adjustment – Fault Mux – Analog Comparators – Digital Comparators – Fault Pin functions – DPWM Fault Action – Ideal Diode Emulation (IDE), DCM Detection – Oscillator Failure Detection – Register Map for all of the above peripherals in UCD3138A64 or UCD3138128 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |