Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647CUT9 Datasheet(PDF) 169 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 169 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 165Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 166Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 167Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 168Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 169Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 170Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 171Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 172Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 6-78. Ethernet Switch Registers (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x02D0 3454
TXEXCESSIVECOLLISIONS
CPSW_STATS ExcessiveCollisions
0x02D0 3458
TXLATECOLLISIONS
CPSW_STATS LateCollisions
0x02D0 345C
TXUNDERRUN
CPSW_STATS Transmit Underrun Error
0x02D0 3460
TXCARRIERSENSEERRORS
CPSW_STATS CarrierSenseErrors
0x02D0 3464
TXOCTETS
CPSW_STATS TxOctets
0x02D0 3468
OCTETFRAMES64
CPSW_STATS 64octetFrames
0x02D0 346C
OCTETFRAMES65T127
CPSW_STATS 65-127octetFrames
0x02D0 3470
OCTETFRAMES128T255
CPSW_STATS 128-255octetFrames
0x02D0 3474
OCTETFRAMES256T511
CPSW_STATS 256-511octetFrames
0x02D0 3478
OCTETFRAMES512T1023
CPSW_STATS 512-1023octetFrames
0x02D0 347C
OCTETFRAMES1024TUP
CPSW_STATS 1023-1518octetFrames
0x02D0 3480
NETOCTETS
CPSW_STATS NetOctets
0x02D0 3484
RXSOFOVERRUNS
CPSW_STATS Receive FIFO or DMA Start of Frame
Overruns
0x02D0 3488
RXMOFOVERRUNS
CPSW_STATS Receive FIFO or DMA Mid of Frame
Overruns
0x02D0 348C
RXDMAOVERRUNS
CPSW_STATS Receive DMA Start of Frame and Middle of
Frame Overruns
0x02D0 3490 - 0x02D0 34FC
reserved
0x02D0 3500
ALE_IDVER
ALE Identification and Version Register
0x02D0 3504
reserved
0x02D0 3508
ALE_CONTROL
ALE Control Register
0x02D0 350C
reserved
0x02D0 3510
ALE_PRESCALE
ALE Prescale Register
0x02D0 3514
reserved
0x02D0 3518
ALE_UNKNOWN_VLAN
ALE Unknown VLAN Register
0x02D0 351C
reserved
0x02D0 3520
ALE_TBLCTL
ALE Table Control Register
0x02D0 3524 - 0x02D0 3530
reserved
0x02D0 3534
ALE_TBLW2
ALE Table Word 2 Register
0x02D0 3538
ALE_TBLW1
ALE Table Word 1 Register
0x02D0 353C
ALE_TBLW0
ALE Table Word 0 Register
0x02D0 3540
ALE_PORTCTL0
ALE Port 0 Control Register
0x02D0 3544
ALE_PORTCTL1
ALE Port 1 Control Register
0x02D0 3548
ALE_PORTCTL2
ALE Port 2 Control Register
0x02D0 354C - 0x02D0 37FF
reserved
Table 6-79. Ethernet Subsystem Registers
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x02D0 2000
IDVER
Identification and Version Register
0x02D0 2004
SOFT_RESET
Soft Reset Register
0x02D0 2008
EM_CONTROL
Emulation Control Register
0x02D0 200C
INT_CONTROL
Interrupt Control Register
0x02D0 2010
RX_THRESH_EN
Receive Threshold Interrupt Enable Register
0x02D0 2014
RX_EN
Receive Interrupt Enable Register
0x02D0 2018
TX_EN
Transmit Interrupt Enable Register
0x02D0 201C
MISC_EN
Misc Interrupt Enable Register
0x02D0 2020
RX_THRESH_STAT
Receive Threshold Masked Interrupt Status Register
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
169
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com