Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647CUT9 Datasheet(PDF) 170 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 170 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 166Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 167Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 168Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 169Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 170Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 171Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 172Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 173Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-79. Ethernet Subsystem Registers (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x02D0 2024
RX_STAT
Receive Interrupt Masked Interrupt Status Register
0x02D0 2028
TX_STAT
Transmit Interrupt Masked Interrupt Status Register
0x02D0 202C
MISC_STAT
Misc Interrupt Masked Interrupt Status Register
0x02D0 2030
RX_IMAX
Receive Interrupts Per Millisecond
0x02D0 2034
TX_IMAX
Transmit Interrupts Per Millisecond
Table 6-80. SGMII0 Registers
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
0x02D0 4800
IDVER
Identification and Version Register
0x02D0 4804
SOFT_RESET
Soft Reset Register
0x02D0 4808 - 0x02D0 480C
Reserved
Reserved
0x02D0 4810
CONTROL
Control Register
0x02D0 4814
STATUS
Status Register (read only)
0x02D0 4818
MR_ADV_ABILITY
Advertised Ability Register
0x02D0 481C
MR_NP_TX
Transmit Next Page Register
0x02D0 4820
MR_LP_ADV_ABILITY
Link Partner Advertised Ability (read only)
0x02D0 4824
MR_NP_RX
Link Partner Receive Next Page Register (read only)
0x02D0 4828 - 0x02D0 482C
Reserved
Reserved
0x02D0 4830
Reserved
Reserved
0x02D0 4834
Reserved
Reserved
0x02D0 4838
Reserved
Reserved
0x02D0 483C
Reserved
Reserved
0x02D0 4840
DIAG_CLEAR
Diagnostics Clear Register
0x02D0 4844
DIAG_CONTROL
Diagnostics Control Register
0x02D0 4848
DIAG_STATUS
Diagnostics Status Register (read only)
0x02D0 484C - 0x02D0 487F
Reserved
Reserved
Table 6-81. SGMII1 Registers
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
0x02D0 4C00
IDVER
Identification and Version Register
0x02D0 4C04
SOFT_RESET
Soft Reset Register
0x02D0 4C08 - 0x02D0 4C0C
Reserved
Reserved
0x02D0 4C10
CONTROL
Control Register
0x02D0 4C14
STATUS
Status Register (read only)
0x02D0 4C18
MR_ADV_ABILITY
Advertised Ability Register
0x02D0 4C1C
MR_NP_TX
Transmit Next Page Register
0x02D0 4C20
MR_LP_ADV_ABILITY
Link Partner Advertised Ability (read only)
0x02D0 4C24
MR_NP_RX
Link Partner Receive Next Page Register (read only)
0x02D0 4C28 - 0x02D0 4C2C
Reserved
Reserved
0x02D0 4C30
Reserved
Reserved
0x02D0 4C34
Reserved
Reserved
0x02D0 4C38
Reserved
Reserved
0x02D0 4C3C
Reserved
Reserved
0x02D0 4C40
DIAG_CLEAR
Diagnostics Clear Register
0x02D0 4C44
DIAG_CONTROL
Diagnostics Control Register
0x02D0 4C48
DIAG_STATUS
Diagnostics Status Register (read only)
0x02D0 4C4C - 0x02D0 4C7F
Reserved
Reserved
170
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com