Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647CUT9 Datasheet(PDF) 173 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 173 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 169Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 170Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 171Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 172Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 173Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 174Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 175Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 176Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
6.21 Timers
The device has four 64-bit general-purpose timers of which only Timer 0 and Timer 1 have external
input/output. The timers can be used to: time events, count events, generate pulses, interrupt the CPU,
and send synchronization events to the EDMA3 channel controller.
6.21.1 General-Purpose Timers
Each timer can be programmed as a 64-bit timer or as two separate 32-bit timers. Each timer is made up
of two 32-bit counters: a high counter and a low counter. The timer pins, TINPLx and TOUTLx are
connected to the low counter. The high counter does not have any external device pins.
For more detailed information, see the TMS320DM647DM648 DSP 64-Bit Timer User's Guide (literature
number SPRUEL0).
6.21.2 Timer Peripheral Register Descriptions
Table 6-85. Timer 0 Registers
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
0x0204 4400
PID12
Peripheral Identification Register
0x0204 4404
EMUMGT_CLKSPD
Timer 0 Emulation Management/Clock Speed Register
0x0204 4410
TIM12
Timer 0 Counter Register 12
0x0204 4414
TIM34
Timer 0 Counter Register 34
0x0204 4418
PRD12
Timer 0 Period Register 12
0x0204 441C
PRD34
Timer 0 Period Register 34
0x0204 4420
TCR
Timer 0 Control Register
0x0204 4424
TGCR
Timer 0 Global Control Register
0x0x0204 4428 - 0x0204 44FF
-
Reserved
Table 6-86. Timer 1 Registers
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
0x0204 4800
PID12
Peripheral Identification Register
0x0204 4804
EMUMGT_CLKSPD
Timer 1 Emulation Management/Clock Speed Register
0x0204 4810
TIM12
Timer 1 Counter Register 12
0x0204 4814
TIM34
Timer 1 Counter Register 34
0x0204 4818
PRD12
Timer 1 Period Register 12
0x0204 481C
PRD34
Timer 1 Period Register 34
0x0204 4820
TCR
Timer 1 Control Register
0x0204 4824
TGCR
Timer 1 Global Control Register
0x0204 4828 - 0x0204 48FF
-
Reserved
Table 6-87. Timer 2 Registers
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
0x0204 4C00
PID12
Peripheral Identification Register
0x0204 4C04
EMUMGT_CLKSPD
Timer 2 Emulation Management/Clock Speed Register
0x0204 4C10
TIM12
Timer 2 Counter Register 12
0x0204 4C14
TIM34
Timer 2 Counter Register 34
0x0204 4C18
PRD12
Timer 2 Period Register 12
0x0204 4C1C
PRD34
Timer 2 Period Register 34
0x0204 4C20
TCR
Timer 2 Control Register
0x0204 4C24
TGCR
Timer 2 Global Control Register
0x0204 4C28 - 0x0204 4CFF
-
Reserved
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
173
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com