Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T0 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M41T0
Description  SERIAL REAL-TIME CLOCK
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T0 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M41T0 Datasheet HTML 8Page - STMicroelectronics M41T0 Datasheet HTML 9Page - STMicroelectronics M41T0 Datasheet HTML 10Page - STMicroelectronics M41T0 Datasheet HTML 11Page - STMicroelectronics M41T0 Datasheet HTML 12Page - STMicroelectronics M41T0 Datasheet HTML 13Page - STMicroelectronics M41T0 Datasheet HTML 14Page - STMicroelectronics M41T0 Datasheet HTML 15Page - STMicroelectronics M41T0 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
M41T0
12/20
READ Mode
In this mode, the master reads the M41T0 slave
after setting the slave address (see Figure 9.). Fol-
lowing the WRITE Mode Control Bit (R/W = 0) and
the Acknowledge Bit, the word address An is writ-
ten to the on-chip address pointer. Next the
START condition and slave address are repeated,
followed by the READ Mode Control Bit (R/W =1).
At this point, the master transmitter becomes the
master receiver. The data byte which was ad-
dressed will be transmitted and the master receiv-
er will send an Acknowledge Bit to the slave
transmitter. The address pointer is only increment-
ed on reception of an Acknowledge Bit. The
M41T0 slave transmitter will now place the data
byte at address An+1 on the bus. The master re-
ceiver reads and acknowledges the new byte and
the address pointer is incremented to An+2.
This cycle of reading consecutive addresses will
continue until the master receiver sends a STOP
condition to the slave transmitter.
An alternate READ Mode may also be implement-
ed, whereby the master reads the M41T0 slave
without first writing to the (volatile) address point-
er. The first address that is read is the last one
stored in the pointer (see Figure 11., page 13).
WRITE Mode
In this mode the master transmitter transmits to
the M41T0 slave receiver. Bus protocol is shown
in Figure 12., page 13. Following the START con-
dition and slave address, a logic '0' (R/W = 0) is
placed on the bus and indicates to the addressed
device that word address An will follow and is to be
written to the on-chip address pointer. The data
word to be written to the memory is strobed in next
and the internal address pointer is incremented to
the next memory location within the RAM on the
reception of an acknowledge clock. The M41T0
slave receiver will send an acknowledge clock to
the master transmitter after it has received the
slave address and again after it has received the
word address and each data byte (see Figure 9.).
Figure 9. Slave Address Location
AI00602
R/W
SLAVE ADDRESS
START
A
0
100
0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com