Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T0 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M41T0
Description  SERIAL REAL-TIME CLOCK
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T0 Datasheet(HTML) 4 Page - STMicroelectronics

  M41T0 Datasheet HTML 1Page - STMicroelectronics M41T0 Datasheet HTML 2Page - STMicroelectronics M41T0 Datasheet HTML 3Page - STMicroelectronics M41T0 Datasheet HTML 4Page - STMicroelectronics M41T0 Datasheet HTML 5Page - STMicroelectronics M41T0 Datasheet HTML 6Page - STMicroelectronics M41T0 Datasheet HTML 7Page - STMicroelectronics M41T0 Datasheet HTML 8Page - STMicroelectronics M41T0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
M41T0
4/20
SUMMARY DESCRIPTION
The M41T0 TIMEKEEPER® RAM is a low power
Serial TIMEKEEPER with a built-in 32.768kHz os-
cillator (external crystal controlled). Eight registers
are used for the clock/calendar function and are
configured in binary coded decimal (BCD) format.
Addresses and data are transferred serially via a
two-line bi-directional bus. The built-in address
register is incremented automatically after each
WRITE or READ data byte.
The M41T0 is supplied in 8 lead Plastic Small Out-
line package.
Figure 2. Logic Diagram
Figure 3. SOIC Connections
Note: 1. NF pin must be tied to VSS.
Table 1. Signal Names
Note: 1. NF pin must be tied to VSS.
AI07028
OSCI
VCC
M41T0
VSS
SCL
OSCO
SDA
OUT
1
SDA
VSS
SCL
OUT
OSCO
OSCI
VCC
NF
(1)
AI07029
M41T0
2
3
4
8
7
6
5
OSCI
Oscillator Input
OCSO
Oscillator Output
OUT
Output Driver (Open Drain)
SDA
Serial Data Address Input / Output
SCL
Serial Clock
NF(1)
No Function
VCC
Supply Voltage
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com