Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T0 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M41T0
Description  SERIAL REAL-TIME CLOCK
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T0 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M41T0 Datasheet HTML 10Page - STMicroelectronics M41T0 Datasheet HTML 11Page - STMicroelectronics M41T0 Datasheet HTML 12Page - STMicroelectronics M41T0 Datasheet HTML 13Page - STMicroelectronics M41T0 Datasheet HTML 14Page - STMicroelectronics M41T0 Datasheet HTML 15Page - STMicroelectronics M41T0 Datasheet HTML 16Page - STMicroelectronics M41T0 Datasheet HTML 17Page - STMicroelectronics M41T0 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
M41T0
14/20
CLOCK OPERATION
The M41T0 is driven by a quartz controlled oscilla-
tor with a nominal frequency of 32.768kHz. The
accuracy of the Real-Time Clock depends on the
frequency of the quartz crystal that is used as the
time-base for the RTC. The M41T0 is tested to
meet ± 35 ppm with nominal crystal. The eight-
byte Clock Register (see Table 8., page 15) is
used to both set the clock and to read the date and
time from the clock, in a binary coded decimal for-
mat. Seconds, Minutes, and Hours are contained
within the first three registers. Bits D6 and D7 of
Clock Register 2 (Hours Register) contain the
CENTURY ENABLE Bit (CEB) and the CENTURY
Bit (CB). Setting CEB to a '1' will cause CB to tog-
gle, either from '0' to '1' or from '1' to '0' at the turn
of the century (depending upon its initial state). If
CEB is set to a '0', CB will not toggle. Bits D0
through D2 of Register 3 contain the Day (day of
week). Registers 4, 5 and 6 contain the Date (day
of month), Month and Years. The final register is
the Control Register. Bit D7 of Register 0 contains
the STOP Bit (ST). Setting this bit to a '1' will cause
the oscillator to stop. If the device is expected to
spend a significant amount of time on the shelf, the
oscillator may be stopped to reduce current drain.
When reset to a '0' the oscillator restarts within
four seconds (typically one second).
The seven clock registers may be read one byte at
a time, or in a sequential block. The Control Reg-
ister (Address location 7) may be accessed inde-
pendently. Provision has been made to assure
that a clock update does not occur while any of the
seven clock addresses are being read. If a clock
address is being read, an update of the clock reg-
isters will be delayed by 250ms to allow the READ
to be completed before the update occurs. This
will prevent a transition of data during the READ.
Note: This 250ms delay affects only the clock reg-
ister update and does not alter the actual clock
time.
Output Driver Pin
The OUT pin is an output driver that reflects the
contents of D7 of the Control Register. In other
words, when D7 of location 7 is a '0' then the OUT
pin will be driven low.
Note: The OUT pin is open drain which requires
an external pull-up resistor.
Oscillator Stop Detection
If the Oscillator Fail (OF) Bit is internally set to a '1,'
this indicates that the oscillator has either stopped,
or was stopped for some period of time and can be
used to judge the validity of the clock and date da-
ta. This bit will be set to '1' any time the oscillator
stops. The following conditions can cause the OF
Bit to be set:
– The first time power is applied (defaults to a '1'
on power-up).
– The voltage present on VCC is insufficient to
support oscillation.
– The ST Bit is set to '1.'
– External interference or removal of the crystal.
This bit will remain set to '1' until written to logic '0.'
The oscillator must start and have run for at least
4 seconds before attempting to reset the OF Bit to
'0.' This function operates both under normal pow-
er and in battery back-up.
Initial Power-on Defaults
Upon initial application of power to the device, the
OUT Bit and OF Bit will be set to a '1,' while the ST
Bit will be set to '0.' All other Register bits will ini-
tially power-on in a random state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com