Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6421 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6421
Description  Fixed-Point Digital Signal Processor
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6421 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C6421 Datasheet HTML 1Page - Texas Instruments TMS320C6421 Datasheet HTML 2Page - Texas Instruments TMS320C6421 Datasheet HTML 3Page - Texas Instruments TMS320C6421 Datasheet HTML 4Page - Texas Instruments TMS320C6421 Datasheet HTML 5Page - Texas Instruments TMS320C6421 Datasheet HTML 6Page - Texas Instruments TMS320C6421 Datasheet HTML 7Page - Texas Instruments TMS320C6421 Datasheet HTML 8Page - Texas Instruments TMS320C6421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 222 page
background image
Contents
TMS320C6421
Fixed-Point Digital Signal Processor
www.ti.com
SPRS346D – JANUARY 2007 – REVISED JUNE 2008
Ranges of Supply Voltage and Operating
1
TMS320C6421 Fixed-Point Digital Signal
Temperature (Unless Otherwise Noted)
........... 111
Processor
.................................................. 1
6
Peripheral Information and Electrical
1.1
Features
.............................................. 1
Specifications
......................................... 113
1.2
Description
............................................ 2
6.1
Parameter Information
............................. 113
1.3
Functional Block Diagram
............................ 4
6.2
Recommended Clock and Control Signal Transition
Revision History
............................................... 6
Behavior
............................................ 114
2
Device Overview
......................................... 7
6.3
Power Supplies
.................................... 114
2.1
Device Characteristics
................................ 7
6.4
Enhanced Direct Memory Access (EDMA3)
2.2
C64x+ Megamodule
.................................. 8
Controller
........................................... 122
2.3
Memory Map Summary
............................. 14
6.5
Reset
............................................... 135
2.4
Pin Assignments
.................................... 16
6.6
External Clock Input From MXI/CLKIN Pin
........ 144
2.5
Terminal Functions
.................................. 24
6.7
Clock PLLs
......................................... 146
2.6
Device Support
...................................... 56
6.8
Interrupts
........................................... 152
2.7
Device and Development-Support Tool
6.9
External Memory Interface (EMIF)
................. 155
Nomenclature
....................................... 56
6.10
Universal Asynchronous Receiver/Transmitter
2.8
Documentation Support
............................. 58
(UART)
............................................. 163
3
Device Configurations
................................. 59
6.11
Inter-Integrated Circuit (I2C)
....................... 166
3.1
System Module Registers
........................... 59
6.12
Host-Port Interface (HPI) Peripheral
............... 170
3.2
Power Considerations
............................... 60
6.13
Multichannel Buffered Serial Port (McBSP)
........ 175
3.3
Clock Considerations
................................ 62
6.14
Multichannel Audio Serial Port (McASP0)
Peripheral
.......................................... 183
3.4
Boot Sequence
...................................... 64
6.15
Ethernet Media Access Controller (EMAC)
........ 191
3.5
Configurations At Reset
............................. 73
6.16
Management Data Input/Output (MDIO)
.......... 200
3.6
Configurations After Reset
.......................... 75
6.17
Timers
.............................................. 202
3.7
Multiplexed Pin Configurations
...................... 79
6.18
Pulse Width Modulator (PWM)
..................... 204
3.8
Device Initialization Sequence After Reset
........ 103
6.19
VLYNQ
............................................. 206
3.9
Debugging Considerations
......................... 105
6.20
General-Purpose Input/Output (GPIO)
............. 210
4
System Interconnect
................................. 107
6.21
IEEE 1149.1 JTAG
................................. 214
4.1
System Interconnect Block Diagram
............... 107
7
Mechanical Data
....................................... 216
5
Device Operating Conditions
....................... 109
7.1
Thermal Data for ZWT
............................. 216
5.1
Absolute Maximum Ratings Over Operating
Temperature Range (Unless Otherwise Noted)
... 109
7.1.1
Thermal Data for ZDU
............................. 217
5.2
Recommended Operating Conditions
............. 110
7.1.2
Packaging Information
............................. 217
5.3
Electrical Characteristics Over Recommended
Submit Documentation Feedback
Contents
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com