Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV271IDBV Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV271IDBV
Description  550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV271IDBV Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV271IDBV Datasheet HTML 9Page - Texas Instruments TLV271IDBV Datasheet HTML 10Page - Texas Instruments TLV271IDBV Datasheet HTML 11Page - Texas Instruments TLV271IDBV Datasheet HTML 12Page - Texas Instruments TLV271IDBV Datasheet HTML 13Page - Texas Instruments TLV271IDBV Datasheet HTML 14Page - Texas Instruments TLV271IDBV Datasheet HTML 15Page - Texas Instruments TLV271IDBV Datasheet HTML 16Page - Texas Instruments TLV271IDBV Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TLV271, TLV272, TLV274
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS351D − MARCH 2001 − REVISED FEBRUARY 2004
13
WWW.TI.COM
APPLICATION INFORMATION
offset voltage
The output offset voltage, (VOO) is the sum of the input offset voltage (VIO) and both input bias currents (IIB) times
the corresponding gains. The following schematic and formula can be used to calculate the output offset
voltage:
V
OO +
V
IO
1
)
R
F
R
G
" I
IB
)
R
S
1
)
R
F
R
G
" I
IB–
R
F
+
−
VI
+
RG
RS
RF
IIB−
VO
IIB+
Figure 26. Output Offset Voltage Model
general configurations
When receiving low-level signals, limiting the bandwidth of the incoming signals into the system is often
required. The simplest way to accomplish this is to place an RC filter at the noninverting terminal of the amplifier
(see Figure 27).
VI
VO
C1
+
−
RG
RF
R1
f
–3dB +
1
2
pR1C1
V
O
V
I
+
1
)
R
F
R
G
1
1
) sR1C1
VDD/2
Figure 27. Single-Pole Low-Pass Filter
If even more attenuation is needed, a multiple pole filter is required. The Sallen-Key filter can be used for this
task. For best results, the amplifier should have a bandwidth that is 8 to 10 times the filter frequency bandwidth.
Failure to do this can result in phase shift of the amplifier.
VI
C2
R2
R1
C1
RF
RG
R1 = R2 = R
C1 = C2 = C
Q = Peaking Factor
(Butterworth Q = 0.707)
(
=
1
Q
2 −
)
RG
RF
_
+
f
–3dB +
1
2
pRC
VDD/2
Figure 28. 2-Pole Low-Pass Sallen-Key Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com