Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV271IDBV Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV271IDBV
Description  550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV271IDBV Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV271IDBV Datasheet HTML 9Page - Texas Instruments TLV271IDBV Datasheet HTML 10Page - Texas Instruments TLV271IDBV Datasheet HTML 11Page - Texas Instruments TLV271IDBV Datasheet HTML 12Page - Texas Instruments TLV271IDBV Datasheet HTML 13Page - Texas Instruments TLV271IDBV Datasheet HTML 14Page - Texas Instruments TLV271IDBV Datasheet HTML 15Page - Texas Instruments TLV271IDBV Datasheet HTML 16Page - Texas Instruments TLV271IDBV Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TLV271, TLV272, TLV274
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS351D − MARCH 2001 − REVISED FEBRUARY 2004
15
WWW.TI.COM
APPLICATION INFORMATION
general power dissipation considerations
For a given
θJA, the maximum power dissipation is shown in Figure 29 and is calculated by the following formula:
P
D +
T
MAX
–T
A
q
JA
Where:
PD
= Maximum power dissipation of TLV27x IC (watts)
TMAX = Absolute maximum junction temperature (150°C)
TA
= Free-ambient air temperature (
°C)
θJA = θJC + θCA
θJC = Thermal coefficient from junction to case
θCA = Thermal coefficient from case to ambient air (°C/W)
1
0.75
0.5
0
−55 −40 −25 −10 5
1.25
1.5
MAXIMUM POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
1.75
20 35 50
0.25
TA − Free-Air Temperature − °C
2
65 80 95 110 125
MSOP Package
Low-K Test PCB
θJA = 260°C/W
TJ = 150°C
PDIP Package
Low-K Test PCB
θJA = 104°C/W
SOIC Package
Low-K Test PCB
θJA = 176°C/W
SOT-23 Package
Low-K Test PCB
θJA = 324°C/W
NOTE A: Results are with no air flow and using JEDEC Standard Low-K test PCB.
Figure 29. Maximum Power Dissipation vs Free-Air Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com