Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV271IDBV Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV271IDBV
Description  550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV271IDBV Datasheet(HTML) 2 Page - Texas Instruments

  TLV271IDBV Datasheet HTML 1Page - Texas Instruments TLV271IDBV Datasheet HTML 2Page - Texas Instruments TLV271IDBV Datasheet HTML 3Page - Texas Instruments TLV271IDBV Datasheet HTML 4Page - Texas Instruments TLV271IDBV Datasheet HTML 5Page - Texas Instruments TLV271IDBV Datasheet HTML 6Page - Texas Instruments TLV271IDBV Datasheet HTML 7Page - Texas Instruments TLV271IDBV Datasheet HTML 8Page - Texas Instruments TLV271IDBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TLV271, TLV272, TLV274
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS351D − MARCH 2001 − REVISED FEBRUARY 2004
2
WWW.TI.COM
FAMILY PACKAGE TABLE
DEVICE
NUMBER OF
PACKAGE TYPES
SHUTDOWN
UNIVERSAL
DEVICE
NUMBER OF
CHANNELS
PDIP
SOIC
SOT-23
TSSOP
MSOP
SHUTDOWN
UNIVERSAL
EVM BOARD
TLV271
1
8
8
5
—
—
—
Refer to the EVM
TLV272
2
8
8
—
—
8
—
Refer to the EVM
Selection Guide
(Lit# SLOU060)
TLV274
4
14
14
—
14
—
—
Selection Guide
(Lit# SLOU060)
TLV271 AVAILABLE OPTIONS
VIOMAX AT
PACKAGED DEVICES
TA
VIOMAX AT
25
°C
SMALL OUTLINE
†
SOT-23
PLASTIC DIP
TA
25
°C
SMALL OUTLINE
(D)†
(DBV)‡
SYMBOL
PLASTIC DIP
(P)
0
°C to 70°C
5 mV
TLV271CD
TLV271CDBV
VBHC
—
−40
°C to 125°C
5 mV
TLV271ID
TLV271IDBV
VBHI
TLV271IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV271IDR).
‡ This package is only available taped and reeled. For standard quantities (3,000 pieces per reel), add an R suffix (e.g., TLV270IDBVR). For smaller
quantities (250 pieces per mini-reel), add a T suffix to the part number (e.g., TLV270IDBVT).
TLV272 AVAILABLE OPTIONS
VIOMAX AT
PACKAGED DEVICES
TA
VIOMAX AT
25
°C
SMALL OUTLINE
§
MSOP
PLASTIC DIP
TA
25
°C
SMALL OUTLINE
(D)§
(DGK)§
SYMBOL
PLASTIC DIP
(P)
0
°C to 70°C
5 mV
TLV272CD
TLV272CDGK
AVF
—
−40
°C to 125°C
5 mV
TLV272ID
TLV272IDGK
AVG
TLV272IP
§ This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV272IDR).
TLV274 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOMAX AT 25°C
SMALL OUTLINE
(D)¶
PLASTIC DIP
(N)
TSSOP
(PW)¶
0
°C to 70°C
5 mV
TLV274CD
—
TLV274CPW
−40
°C to 125°C
5 mV
TLV274ID
TLV274IN
TLV274IPW
¶ This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV274IDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com