Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV274IPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV274IPW
Description  550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV274IPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV274IPW Datasheet HTML 2Page - Texas Instruments TLV274IPW Datasheet HTML 3Page - Texas Instruments TLV274IPW Datasheet HTML 4Page - Texas Instruments TLV274IPW Datasheet HTML 5Page - Texas Instruments TLV274IPW Datasheet HTML 6Page - Texas Instruments TLV274IPW Datasheet HTML 7Page - Texas Instruments TLV274IPW Datasheet HTML 8Page - Texas Instruments TLV274IPW Datasheet HTML 9Page - Texas Instruments TLV274IPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TLV271, TLV272, TLV274
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS351D − MARCH 2001 − REVISED FEBRUARY 2004
6
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 2.7 V, 5 V, and ±5 V (unless
otherwise noted)
output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VDD = 2.7 V
25
°C
2.55
2.58
VDD = 2.7 V
Full range
2.48
VIC = VDD/2, IOH = −1 mA
VDD = 5 V
25
°C
4.9
4.93
VIC = VDD/2, IOH = −1 mA
VDD = 5 V
Full range
4.85
VDD = ±5 V
25
°C
4.92
4.96
VOH
High-level output voltage
VDD = ±5 V
Full range
4.9
V
VOH
High-level output voltage
VDD = 2.7 V
25
°C
1.9
2.1
V
VDD = 2.7 V
Full range
1.5
VIC = VDD/2, IOH = −5 mA
VDD = 5 V
25
°C
4.6
4.68
VIC = VDD/2, IOH = −5 mA
VDD = 5 V
Full range
4.5
VDD = ±5 V
25
°C
4.7
4.84
VDD = ±5 V
Full range
4.65
VDD = 2.7 V
25
°C
0.1
0.15
VDD = 2.7 V
Full range
0.22
VIC = VDD/2, IOL = 1 mA
VDD = 5 V
25
°C
0.05
0.1
VIC = VDD/2, IOL = 1 mA
VDD = 5 V
Full range
0.15
VDD = ±5 V
25
°C
−4.95
−4.92
VOL
Low-level output voltage
VDD = ±5 V
Full range
−4.9
V
VOL
Low-level output voltage
VDD = 2.7 V
25
°C
0.5
0.7
V
VDD = 2.7 V
Full range
1.1
VIC = VDD/2, IOL = 5 mA
VDD = 5 V
25
°C
0.28
0.4
VIC = VDD/2, IOL = 5 mA
VDD = 5 V
Full range
0.5
VDD = ±5 V
25
°C
−4.84
−4.7
VDD = ±5 V
Full range
−4.65
VO = 0.5 V from rail, VDD = 2.7 V
Positive rail
25
°C
4
VO = 0.5 V from rail, VDD = 2.7 V
Negative rail
25
°C
5
IO
Output current
VO = 0.5 V from rail, VDD = 5 V
Positive rail
25
°C
7
mA
IO
Output current
VO = 0.5 V from rail, VDD = 5 V
Negative rail
25
°C
8
mA
VO = 0.5 V from rail, VDD = 10 V
Positive rail
25
°C
13
VO = 0.5 V from rail, VDD = 10 V
Negative rail
25
°C
12
† Full range is 0°C to 70°C for C suffix and full range is −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.
‡ Depending on package dissipation rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com