Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV274IPW Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV274IPW
Description  550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV274IPW Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV274IPW Datasheet HTML 9Page - Texas Instruments TLV274IPW Datasheet HTML 10Page - Texas Instruments TLV274IPW Datasheet HTML 11Page - Texas Instruments TLV274IPW Datasheet HTML 12Page - Texas Instruments TLV274IPW Datasheet HTML 13Page - Texas Instruments TLV274IPW Datasheet HTML 14Page - Texas Instruments TLV274IPW Datasheet HTML 15Page - Texas Instruments TLV274IPW Datasheet HTML 16Page - Texas Instruments TLV274IPW Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
TLV271, TLV272, TLV274
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS351D − MARCH 2001 − REVISED FEBRUARY 2004
16
WWW.TI.COM
APPLICATION INFORMATION
macromodel information
Macromodel information provided was derived using Microsim Parts
 Release 9.1, the model generation
software used with Microsim PSpice
. The Boyle macromodel (see Note 4) and subcircuit in Figure 30 are
generated using TLV27x typical electrical and operating characteristics at TA = 25°C. Using this information,
output simulations of the following key parameters can be generated to a tolerance of 20% (in most cases):
D Maximum positive output voltage swing
D Maximum negative output voltage swing
D Slew rate
D Quiescent power dissipation
D Input bias current
D Open-loop voltage amplification
D Unity-gain frequency
D Common-mode rejection ratio
D Phase margin
D DC output resistance
D AC output resistance
D Short-circuit output current limit
NOTE 2: G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon, “Macromodeling of Integrated Circuit Operational Amplifiers,” IEEE Journal
of Solid-State Circuits, SC-9, 353 (1974).
*DEVICE=amp_tlv27x_highVdd,OP AMP,NJF,INT
* amp_tlv_27x_highVdd operational amplifier ”macromodel”
* subcircuit updated using Model Editor release 9.1 on 05/15/00
* at 14:40 Model Editor is an OrCAD product.
*
* connections:
non-inverting input
*
| inverting input
*
| | positive power supply
*
| | | negative power supply
*
| | | | output
*
| | | | |
.subckt amp_tlv27x_highVdd
1 2 3 4 5
*
c1
11
12
457.48E−15
c2
6
7
5.0000E−12
css
10
99
1.1431E−12
dc
5
53
dy
de
54
5
dy
dlp
90
91
dx
dln
92
90
dx
dp
4
3
dx
egnd
99
0
poly(2) (3,0) (4,0) 0 .5 .5
fb
7
99
poly(5) vb vc ve vlp vln 0
176.02E6 −1E3 1E3 180E6
−180E6
ga
6
0
11 12 16.272E−6
gcm
0
6
10 99 6.8698E−9
iss
10
4
dc 1.3371E−6
hlim
90
0
vlim 1K
j1
11
2
10 jx1
J2
12
1
10 jx2
r2
6
9
100.00E3
rd1
3
11
61.456E3
rd2
3
12
61.456E3
ro1
8
5
10
ro2
7
99
10
rp
3
4
150.51E3
rss
10
99
149.58E6
vb
9
0
dc 0
vc
3
53
dc .78905
ve
54
4
dc .78905
vlim
7
8
dc 0
vlp
91
0
dc 14.200
vln
0
92
dc 14.200
.model
dx
D(Is=800.00E−18)
.model
dy
D(Is=800.00E−18 Rs=1m Cjo=10p)
.model
jx1
NJF(Is=500.00E−15 Beta=198.03E−6 Vto=−1)
.model
jx2
NJF(Is=500.00E−15 Beta=198.03E−6 Vto=−1)
.ends
IN−
G
D
S
D
S
G
rp
IN+
rd1
rd2
rss
egnd
fb
ro2
ro1
vlim
OUT
ga
ioff
gcm
vb
c1
dc
iss
dp
GND
VDD
css
c2
ve
de
dlp
dln
vln
hlim
vlp
10
4
1
11
12
3
53
54
96
8
5
7
91
90
92
vc
99
+
+
+
+
+
+
+
−
−
−
−
−
−
−
−
+
r2
2
Figure 30. Boyle Macromodel and Subcircuit
PSpice and Parts are trademarks of MicroSim Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com