Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV274IPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV274IPW
Description  550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV274IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV274IPW Datasheet HTML 5Page - Texas Instruments TLV274IPW Datasheet HTML 6Page - Texas Instruments TLV274IPW Datasheet HTML 7Page - Texas Instruments TLV274IPW Datasheet HTML 8Page - Texas Instruments TLV274IPW Datasheet HTML 9Page - Texas Instruments TLV274IPW Datasheet HTML 10Page - Texas Instruments TLV274IPW Datasheet HTML 11Page - Texas Instruments TLV274IPW Datasheet HTML 12Page - Texas Instruments TLV274IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TLV271, TLV272, TLV274
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS351D − MARCH 2001 − REVISED FEBRUARY 2004
9
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 1
0
20
40
60
80
100
120
10
100
1 k
10 k
100 k
1 M
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
f − Frequency − Hz
VDD = 5 V, 10 V
VDD = 2.7 V
Figure 2
−50
0
50
100
150
200
250
300
−40 −25 −10 5
20 35 50 65 80 95 110 125
VDD = 2.7 V, 5 V and 10 V
VIC = VDD/2
TA − Free-Air Temperature − °C
INPUT BIAS AND OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
Figure 3
0.00
0.40
0.80
1.20
1.60
2.00
2.40
2.80
0
2
4
6
8
10 12 14 16 18 20 22 24
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
VDD = 2.7 V
TA = 25 °C
TA = 125 °C
TA = 70 °C
TA = 0 °C
TA = 40 °C
Figure 4
0.00
0.40
0.80
1.20
1.60
2.00
2.40
2.80
01
23
4
5
6
7
89
10 11 12
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VDD = 2.7 V
TA = 125°C
TA = 70°C
TA = 25°C
TA = 0°C
TA =−40°C
Figure 5
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
0 5 10 15 20 25 30 35 40 45 50 55 60 65 70
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
VDD = 5 V
TA = 125 °C
TA = 70 °C
TA = 25 °C
TA = 0 °C
TA = −40 °C
Figure 6
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
0
5
10
15
20
25
30
35
40
45
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
VCC = 5 V
TA = −40°C
TA = 0°C
TA = 25°C
TA = 70°C
TA = 125°C
Figure 7
0
2
4
6
8
10
0
20
40
60
80
100
120
TA =125°C
TA =70°C
TA =25°C
TA =0°C
TA =−40°C
VDD = 10 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
Figure 8
0
2
4
6
8
10
0
20
40
60
80
100
120
VDD = 10 V
TA = −40°C
TA = 0°C
TA = 25°C
TA = 70°C
TA = 125°C
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
Figure 9
0
1
2
3
4
5
6
7
8
9
10
11
10
100
1 k
10 k
100 k
1 M
10 M
PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
f − Frequency − Hz
AV = −10
RL = 2 kΩ
CL = 10 pF
TA = 25°C
THD = 5%
VDD = 10 V
VDD = 5 V
VDD = 2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com