Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS0332PZ Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS570LS0332PZ
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS0332PZ Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS570LS0332PZ Datasheet HTML 28Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 29Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 30Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 31Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 32Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 33Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 34Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 35Page - Texas Instruments TMS570LS0332PZ Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
CPU 1
CPU 2
2cycledelay
2cycledelay
CCM-R4
CCM-R4
compare
CPU1CLK
CPU2CLK
compare
error
Input+Control
Output+Control
TMS570LS0432, TMS570LS0332
SPNS186B – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
6.4.4
Duplicate clock tree after GCLK
The CPU clock domain is split into two clock trees, one for each CPU, with the clock of the 2nd CPU
running at the same frequency and in phase to the clock of CPU1. See Figure 6-3.
6.4.5
ARM Cortex-R4 CPU Compare Module (CCM) for Safety
This device has two ARM Cortex-R4 CPU cores, where the output signals of both CPUs are compared in
the CCM-R4 unit. To avoid common mode impacts the signals of the CPUs to be compared are delayed in
a different way as shown in Figure 6-3.
Figure 6-3. Dual Core Implementation
To avoid an erroneous CCM-R4 compare error, the application software must initialize the registers of
both CPUs before the registers are used, including function calls where the register values are pushed
onto the stack.
6.4.6
CPU Self-Test
The CPU STC (Self-Test Controller) is used to test the two Cortex-R4 CPU Cores using the Deterministic
Logic BIST Controller as the test engine.
The main features of the self-test controller are:
•
Ability to divide the complete test run into independent test intervals
•
Capable of running the complete test or running a few intervals at a time
•
Ability to continue from the last executed interval (test set) or to restart from the beginning (first test
set)
•
Complete isolation of the self-tested CPU core from the rest of the system during the self-test run
•
Ability to capture the failure interval number
•
Timeout counter for the CPU self-test run as a fail-safe feature
32
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS0432 TMS570LS0332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com