Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320UC5409 Datasheet(PDF) 69 Page - Texas Instruments

Part # TMS320UC5409
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320UC5409 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320UC5409 Datasheet HTML 65Page - Texas Instruments TMS320UC5409 Datasheet HTML 66Page - Texas Instruments TMS320UC5409 Datasheet HTML 67Page - Texas Instruments TMS320UC5409 Datasheet HTML 68Page - Texas Instruments TMS320UC5409 Datasheet HTML 69Page - Texas Instruments TMS320UC5409 Datasheet HTML 70Page - Texas Instruments TMS320UC5409 Datasheet HTML 71Page - Texas Instruments TMS320UC5409 Datasheet HTML 72Page - Texas Instruments TMS320UC5409 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
TMS320UC5409
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS101E − APRIL 1999 − REVISED OCTOBER 2008
69
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
HPI8 timing (continued)
timing requirements†‡§ (see Figure 38, Figure 39, Figure 40, and Figure 41)
MIN
MAX
UNIT
tsu(HBV-DSL)
Setup time, HBIL valid before DS low
10
ns
th(DSL-HBV)
Hold time, HBIL valid after DS low
5
ns
tsu(HSL-DSL)
Setup time, HAS low before DS low
5
ns
tw(DSL)
Pulse duration, DS low
20
ns
tw(DSH)
Pulse duration, DS high
10
ns
tsu(HDV-DSH)
Setup time, HDx valid before DS high, HPI write
5
ns
th(DSH-HDV)W
Hold time, HDx valid after DS high, HPI write
3
ns
tsu(GPIO-COH)
Setup time, HDx input valid before CLKOUT high, HDx configured as general-purpose input
3
ns
th(GPIO-COH)
Hold time, HDx input valid after CLKOUT high, HDx configured as general-purpose input
0
ns
† DS refers to the logical OR of HCS, HDS1, and HDS2.
‡ HDx refers to any of the HPI data bus pins (HD0, HD1, HD2, etc.).
§ GPIO refers to the HD pins when they are configured as general-purpose input/outputs.
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com