| Electronic Components Datasheet Search |
|
TMS320UC5409 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320UC5409 Datasheet(HTML) 10 Page - Texas Instruments |
|
10 / 81 page ![]() TMS320UC5409 FIXEDPOINT DIGITAL SIGNAL PROCESSOR SPRS101E − APRIL 1999 − REVISED OCTOBER 2008 10 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 Terminal Functions (Continued) TERMINAL NAME DESCRIPTION I/O† TERMINAL NAME DESCRIPTION I/O† OSCILLATOR/TIMER SIGNALS CLKOUT O/Z Master clock output signal. CLKOUT cycles at the machine-cycle rate of the CPU. The internal machine cycle is bounded by rising edges of this signal. CLKOUT also goes into the high-impedance state when OFF is low. CLKMD1 CLKMD2 CLKMD3 I Clock mode select signals. These inputs select the mode that the clock generator is initialized to after reset. The logic levels of CLKMD1–CLKMD3 are latched when the reset pin is low, and the clock mode register is initialized to the selected mode. After reset, the clock mode can be changed through software, but the clock mode select signals have no effect until the device is reset again. X2/CLKIN I Clock/oscillator input. If the internal oscillator is not being used, X2/CLKIN functions as the clock input. X1 O Output pin from the internal oscillator for the crystal. If the internal oscillator is not used, X1 should be left unconnected. X1 does not go into the high-impedance state when OFF is low. TOUT O/Z Timer output. TOUT signals a pulse when the on-chip timer counts down past zero. The pulse is one CLKOUT cycle wide. TOUT also goes into the high-impedance state when OFF is low. MULTICHANNEL BUFFERED SERIAL PORT SIGNALS BCLKR0 BCLKR1 BCLKR2 I/O/Z Receive clock input. BCLKR serves as the serial shift clock for the buffered serial port receiver. BDR0 BDR1 BDR2 I Serial data receive input BFSR0 BFSR1 BFSR2 I/O/Z Frame synchronization pulse for receive input. The BFSR pulse initiates the receive data process over BDR. BCLKX0 BCLKX1 BCLKX2 I/O/Z Transmit clock. BCLKX serves as the serial shift clock for the McBSP transmitter. BCLKX can be configured as an input or an output; it is configured as an input following reset. BCLKX enters the high-impedance state when OFF goes low. BDX0 BDX1 BDX2 O/Z Serial data transmit output. BDX is placed in the high-impedance state when not transmitting, when RS is asserted, or when OFF is low. BFSX0 BFSX1 BFSX2 I/O/Z Frame synchronization pulse for transmit input/output. The BFSX pulse initiates the transmit data process. BFSX can be configured as an input or an output; it is configured as an input following reset. BFSX goes into the high-impedance state when OFF is low. HOST-PORT INTERFACE SIGNALS A0 – A15 I These pins can be used to address internal memory via the HPI when the HPI16 pin is high. D0 – D15 I/O These pins can be used to read/write internal memory via the HPI when the HPI16 pin is high. The sixteen data pins, D0 to D15, are multiplexed to transfer data between the core CPU and external data/program memory, I/O devices, or HPI in 16-bit mode. The data bus is placed in the high-impedance state when not outputting or when RS or HOLD is asserted. The data bus also goes into the high-inmpedance state when OFF is low. The data bus includes bus holders to reduce the static power dissipation caused by floating, unused pins. The bus holders also eliminate the need for external bias resistors on unused pins. When the data bus is not being driven by the UC5409, the bus holders keep the pins at the logic level that was most recently driven. The data bus holders of the UC5409 are disabled at reset, and can be enabled/disabled via the BH bit of the BSCR. HD0 – HD7 I/O/Z Parallel bidirectional data bus. These pins can also be used as general-purpose I/O pins when the HPI16 pin is high. HD0–HD7 is placed in the high-impedance state when not outputting data or when OFF is low. The HPI data bus includes bus holders to reduce the static power dissipation caused by floating, unused pins. When the HPI data bus is not being driven by the UC5409, the bus holders keep the pins at the logic level that was most recently driven. The HPI data bus holders are disabled at reset and can be enabled/disabled via the HBH bit of the BSCR. † I = Input, O = Output, Z = High-impedance, S = Supply ‡ Although this pin includes an internal pulldown resistor, a 470-Ω external pulldown is required. If the TRST pin is connected to multiple DSPs, a buffer is recommended to ensure the VIL and VIH specifications are met. Not Recommended For New Designs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |