Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1501 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 3Page - Microchip Technology MCP1501 Datasheet HTML 4Page - Microchip Technology MCP1501 Datasheet HTML 5Page - Microchip Technology MCP1501 Datasheet HTML 6Page - Microchip Technology MCP1501 Datasheet HTML 7Page - Microchip Technology MCP1501 Datasheet HTML 8Page - Microchip Technology MCP1501 Datasheet HTML 9Page - Microchip Technology MCP1501 Datasheet HTML 10Page - Microchip Technology MCP1501 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
 2015-2016 Microchip Technology Inc.
DS20005474C-page 7
MCP1501
1.1.7
INPUT CURRENT
The input current (operating current) is the current that
sinks from VIN to GND without a load current on the
output pin. This current is affected by temperature,
input voltage, output voltage, and the load current.
1.1.8
POWER SUPPLY REJECTION
RATIO
Power supply rejection ratio (PSRR) is a measure of
the change in output voltage (∆VOUT) relative to the
change in input voltage (∆VIN) over frequency.
1.1.9
LONG-TERM DRIFT
The long-term output stability is measured by exposing
the devices to an ambient temperature of +125°C, as
shown in Figure 2-18 while configured in the circuit
shown in Figure 1-1. In this test, all electrical specifica-
tions of the devices are measured periodically at
+25°C.
FIGURE 1-1:
Long-Term Drift Test Circuit.
1.1.10
OUTPUT VOLTAGE HYSTERESIS
The output voltage hysteresis is a measure of the out-
put voltage error after the powered devices are cycled
over the entire operating temperature range. The
amount of hysteresis can be quantified by measuring
the change in the +25°C output voltage after tempera-
ture excursions from +25°C to +125°C to +25°C, and
also from +25°C to -40°C to +25°C.
VIN
GND
GND
GND
GND
GND
FB
VOUT
Power
Signal In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com