Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1501 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 16Page - Microchip Technology MCP1501 Datasheet HTML 17Page - Microchip Technology MCP1501 Datasheet HTML 18Page - Microchip Technology MCP1501 Datasheet HTML 19Page - Microchip Technology MCP1501 Datasheet HTML 20Page - Microchip Technology MCP1501 Datasheet HTML 21Page - Microchip Technology MCP1501 Datasheet HTML 22Page - Microchip Technology MCP1501 Datasheet HTML 23Page - Microchip Technology MCP1501 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
MCP1501
DS20005474C-page 20
 2015-2016 Microchip Technology Inc.
The RC filter values are selected for a desired cutoff
frequency, as shown in Equation 5-1.
EQUATION 5-1:
The values that are shown in Figure 5-2 (10 kΩ
 and
1 μF) will create a first-order, low-pass filter at the out-
put of the amplifier. The cutoff frequency of this filter is
15.9 Hz, and the attenuation slope is 20 dB/decade.
The MCP6021 amplifier isolates the loading of this low-
pass filter from the remainder of the application circuit.
This amplifier also provides additional drive, with a
faster response time than the voltage reference.
5.1.2
LOAD CAPACITOR
The output capacitor from OUT to GND acts as a
low-pass noise filter for the references and should not
be omitted. The maximum capacitive load is 300 pF,
however, larger capacitors may be implemented if a
resistor is used in series with a larger load capacitor.
Figure 5-1 illustrates a 1 kΩ resistor in series with a
2.2 µF capacitor.
5.1.3
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
Mechanical stress due to Printed Circuit Board (PCB)
mounting can cause the output voltage to shift from its
initial value. Devices in the SOT-23-6 package are gen-
erally more prone to assembly stress than devices in
the WDFN package. To reduce stress-related output
voltage shifts, mount the reference on low-stress areas
of the PCB (i.e., away from PCB edges, screw holes
and large components).
fC
1
2
R
FILCFIL

---------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com