Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1501 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 15Page - Microchip Technology MCP1501 Datasheet HTML 16Page - Microchip Technology MCP1501 Datasheet HTML 17Page - Microchip Technology MCP1501 Datasheet HTML 18Page - Microchip Technology MCP1501 Datasheet HTML 19Page - Microchip Technology MCP1501 Datasheet HTML 20Page - Microchip Technology MCP1501 Datasheet HTML 21Page - Microchip Technology MCP1501 Datasheet HTML 22Page - Microchip Technology MCP1501 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
 2015-2016 Microchip Technology Inc.
DS20005474C-page 19
MCP1501
5.0
APPLICATION CIRCUITS
5.1
Application Tips
5.1.1
BASIC APPLICATION CIRCUIT
Figure 5-1 illustrates a basic circuit configuration of the
MCP1501.
FIGURE 5-1:
Basic Circuit Configuration.
An output capacitor is not required for stability of the
voltage reference, but may be optionally added to pro-
vide noise filtering or act as a charge-reservoir for
switching loads, e.g., successive approximation regis-
ter (SAR) analog-to-digital converter (ADC). As shown,
the input voltage is connected to the device at the VIN
input, with an optional 2.2 μf ceramic capacitor. This
capacitor would be required if the input voltage has
excessive noise. A 2.2 μf capacitor would reject input
voltage noise at approximately 1 to 2 MHz. Noise
below this frequency will be amply rejected by the input
voltage rejection of the voltage reference. Noise at fre-
quencies above 2 MHz will be beyond the bandwidth of
the voltage reference and, consequently, not transmit-
ted from the input pin through the device to the output.
If the noise at the output of these voltage references is
too high for the particular application, it can be easily fil-
tered with an external RC filter and op-amp buffer (see
Figure 5-2).
FIGURE 5-2:
Output Noise-Reducing
Filter.
VDD
SHDN
GND
1
2
3
4
5
8
7
6
SOIC-8/DFN-8
GND
OUT
GND
GND
0.1 – 2.2 µF
1.65 – 5.5V
1kΩ
OUT
RFIL
C
FIL
Output
of V
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com