Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS500 Datasheet(PDF) 29 Page - Microchip Technology

Part # HCS500
Description  KEELOQ짰 Code Hopping Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 29 Page - Microchip Technology

Back Button HCS500_15 Datasheet HTML 25Page - Microchip Technology HCS500_15 Datasheet HTML 26Page - Microchip Technology HCS500_15 Datasheet HTML 27Page - Microchip Technology HCS500_15 Datasheet HTML 28Page - Microchip Technology HCS500_15 Datasheet HTML 29Page - Microchip Technology HCS500_15 Datasheet HTML 30Page - Microchip Technology HCS500_15 Datasheet HTML 31Page - Microchip Technology HCS500_15 Datasheet HTML 32Page - Microchip Technology HCS500_15 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
 2001-2015 Microchip Technology Inc.
DS40000153E-page 29
HCS500
9.2.6
LEARN STATUS STRING
9.2.7
ERASE ALL COMMAND
9.2.8
PROGRAMMING COMMAND
TABLE 9-8:
LEARN STATUS STRING
Section 9.1 “Standard Operating Conditions”
Symbol
Parameters
Min.
Typ.
Max.
Units
TDHI
Command request time
—
—
500
ms
TCLA
Microcontroller command
request time
0.005
—
500
ms
TCA
Decoder request
acknowledge time
——
10
s
TCLH
Clock high hold time
1.2
ms
TCLL
Clock low hold time
0.020
—
1.2
ms
TCLKH
Clock high time
20
—
1000
s
TCLKL
Clock low time
20
—
1000
s
FCLK
Clock frequency
500
—
25000
Hz
TDS
Data hold time
—
—
5
s
*
These parameters are characterized but not tested.
TABLE 9-9:
TIMING SPECIFICATION FOR ERASE ALL COMMAND
Section 9.1 “Standard Operating Conditions”
Symbol
Parameters
Min.
Typ.
Max.
Units
TERA
Learn command activation time
20
—
1000
s
TACK
Decoder acknowledge time
20
—
210
ms
TRESP
Microcontroller acknowledge
response time
20
—
1000
s
TACK2
Decoder data line low
—
—
10
s
*
These parameters are characterized but not tested.
TABLE 9-10:
TIMING SPECIFICATION FOR PROGRAMMING COMMAND
Section 9.1 “Standard Operating Conditions”
Symbol
Parameters
Min.
Typ.
Max.
Units
TPP1
Command request time
—
—
500
ms
TPP2
Decoder acknowledge time
—
—
1
ms
TPP3
Start Command mode to first
command bit
20
—
1000
s
TPP4
Data line low before tri-stated
—
—
5
s
TCLKH
Clock high time
20
—
1000
s
TCLKL
Clock low time
20
—
1000
s
FCLK
Clock frequency
500
—
25000
Hz
TDS
Data hold time
—
—
5
s
TCMD
Command validate time
—
—
10
s
TACK
Command acknowledge time
30
—
240
ms
TWT2
Acknowledge respond time
20
—
1000
s
TALW
Data low after clock low
—
—
10
s
*
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com