Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS500 Datasheet(PDF) 5 Page - Microchip Technology

Part # HCS500
Description  KEELOQ짰 Code Hopping Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 5 Page - Microchip Technology

  HCS500_15 Datasheet HTML 1Page - Microchip Technology HCS500_15 Datasheet HTML 2Page - Microchip Technology HCS500_15 Datasheet HTML 3Page - Microchip Technology HCS500_15 Datasheet HTML 4Page - Microchip Technology HCS500_15 Datasheet HTML 5Page - Microchip Technology HCS500_15 Datasheet HTML 6Page - Microchip Technology HCS500_15 Datasheet HTML 7Page - Microchip Technology HCS500_15 Datasheet HTML 8Page - Microchip Technology HCS500_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
 2001-2015 Microchip Technology Inc.
DS40000153E-page 5
HCS500
3.0
DECODER OPERATION
3.1
Learning a Transmitter to a
Receiver (Normal or Secure Learn)
Before the transmitter and receiver can work together,
the receiver must first ‘learn’ and store the following
information from the transmitter in EEPROM:
• A check value of the serial number
• The crypt key
• The current synchronization counter value
The decoder must also store the manufacturer’s code
(Section 1.1 “HCS Encoder Overview”) in protected
memory. This code will typically be the same for all of
the decoders in a system.
The
HCS500
has
seven
memory
slots,
and,
consequently, can store up to seven transmitters.
During the learn procedure, the decoder searches for
an empty memory slot for storing the transmitter’s
information. When all of the memory slots are full, the
decoder will overwrite the last transmitter’s information.
To erase all of the memory slots at once, use the
ERASE_ALL command (C3H).
3.2
Learning Procedure
Learning is initiated by sending the ACTIVATE_LEARN
(D2H) command
to the
decoder.
The decoder
acknowledges reception of the command by pulling the
data line high.
For the HCS500 decoder to learn a new transmitter, the
following sequence is required:
1.
Activate the transmitter once.
2.
Activate the transmitter a second time. (In
Secure Learning mode, the seed transmission
must be transmitted during the second stage of
learn by activating the appropriate buttons on
the transmitter.)
The HCS500 will transmit a learn-status string,
indicating that the learn was successful.
3.
The decoder has now learned the transmitter.
4.
Repeat steps 1-3 to learn up to seven
transmitters
Note 1: Learning
will
be
terminated
if
two
nonsequential codes were received or if
two acceptable codes were not decoded
within 30 seconds.
2: If
more
than
seven
transmitters
are
learned, the new transmitter will replace
the last transmitter learned. It is, therefore,
not possible to erase lost transmitters by
repeatedly learning new transmitters. To
remove
lost
or
stolen
transmitters,
ERASE_ALL transmitters and relearn all
available transmitters.
3: Learning a transmitter with a crypt key that
is identical to a transmitter already in mem-
ory replaces the existing transmitter. In
practice, this means that all transmitters
should have unique crypt keys. Learning a
previously learned transmitter does not use
any additional memory slots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com