Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS500 Datasheet(PDF) 10 Page - Microchip Technology

Part # HCS500
Description  KEELOQ짰 Code Hopping Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HCS500_15 Datasheet HTML 6Page - Microchip Technology HCS500_15 Datasheet HTML 7Page - Microchip Technology HCS500_15 Datasheet HTML 8Page - Microchip Technology HCS500_15 Datasheet HTML 9Page - Microchip Technology HCS500_15 Datasheet HTML 10Page - Microchip Technology HCS500_15 Datasheet HTML 11Page - Microchip Technology HCS500_15 Datasheet HTML 12Page - Microchip Technology HCS500_15 Datasheet HTML 13Page - Microchip Technology HCS500_15 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
HCS500
DS40000153E-page 10
 2001-2015 Microchip Technology Inc.
FIGURE 4-2:
DECODER VALID TRANSMISSION MESSAGE
4.2
Command Mode
4.2.1
MICROCONTROLLER COMMAND
MODE ACTIVATION
The microcontroller command consists of four parts.
The first part activates the Command mode, the
second part is the actual command, the third is the
address accessed, and the last part is the data. The
microcontroller starts the command by taking the clock
line high for up to 500 ms. The decoder acknowledges
the start-up sequence by taking the data line high. The
microcontroller takes the clock line low, after which the
decoder will take the data line low, tri-state the data line
and wait for the command to be clock in. The data must
be set up on the rising edge and will be sampled on the
falling edge of the clock line.
4.2.2
COLLISION DETECTION
The HCS500 uses collision detection to prevent
clashes between the decoder and microcontroller.
Whenever the decoder receives a valid transmission
the following sequence is followed:
• The decoder first checks to see if the clock line is
high. If the clock line is high, the valid
transmission notification is aborted, and the
microcontroller Command mode request is
serviced.
• The decoder takes the data line high and checks
that the clock line does not go high within 50
s. If
the clock line goes high, the valid transmission
notification is aborted and the Command mode
request is serviced.
• If the clock line goes high after 50
s but before
500 ms, the decoder will acknowledge by taking
the data line low.
• The microcontroller can then start to clock out the
80-bit data stream of the received transmission.
FIGURE 4-3:
MICROCONTROLLER COMMAND MODE ACTIVATION
Decoder Signal Valid
TCLKH
TDS
AB
Cii
TPP3
TDHI
TCLA
Received String
Ci
S_DAT
TX0
TX3
R
X63
REPT VLOW S0
S1
S2
S3
CNT0
CNT3
0
R
X0
R
X1
R
X62
1
S_CLK
Information
TPP1
TCLKH
TCLKL
Transmission
MSB
A
Command Byte
Start Command
TCLKL
TCLKH
TDS
BC
LSB
TSTART
TCMD
D
TDATA
E
Address Byte
Data Byte
TADDR
TREQ
TRESP
CLK
C Data
Decoder
Data
MSB
LSB
MSB
LSB
TACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com