Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2103S Datasheet(PDF) 7 Page - International Rectifier

Part # IR2103S
Description  HALF-BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2103S Datasheet(HTML) 7 Page - International Rectifier

Back Button IR2103S Datasheet HTML 3Page - International Rectifier IR2103S Datasheet HTML 4Page - International Rectifier IR2103S Datasheet HTML 5Page - International Rectifier IR2103S Datasheet HTML 6Page - International Rectifier IR2103S Datasheet HTML 7Page - International Rectifier IR2103S Datasheet HTML 8Page - International Rectifier IR2103S Datasheet HTML 9Page - International Rectifier IR2103S Datasheet HTML 10Page - International Rectifier IR2103S Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IR2103(S)
www.irf.com
7
Figure 10A. Turn Off Fall Time
vs Temperature
Figure 10B. Turn Off Fall Time vs Voltage
Temperature (
oC)
VBIAS Supply Voltage (V)
Figure 11B. Deadtime vs Voltage
Figure 11A. Deadtime vs Temperature
0
50
100
150
200
-50
-25
0
25
50
75
100
125
Max.
Typ.
Temperature (
oC)
0
50
100
150
200
10
12
14
16
18
20
Max.
Typ.
VBIAS Supply Voltage (V)
0
200
400
600
800
100 0
120 0
140 0
10
12
14
16
18
20
Ma x .
Ty p .
Min .
0
200
400
600
800
100 0
120 0
140 0
-5 0
-2 5
0
25
50
75
100
125
Max .
Ty
Min.
p.
Figure 9A. Turn-On Rise Time
vs Temperature
Figure 9B. Turn-On Rise Time
vs Voltage
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Max.
Typ.
Temperature (
oC)
0
100
200
300
400
500
10
12
14
16
18
20
Max.
Typ.
VBIAS Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com