Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2103S Datasheet(PDF) 8 Page - International Rectifier

Part # IR2103S
Description  HALF-BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2103S Datasheet(HTML) 8 Page - International Rectifier

Back Button IR2103S Datasheet HTML 4Page - International Rectifier IR2103S Datasheet HTML 5Page - International Rectifier IR2103S Datasheet HTML 6Page - International Rectifier IR2103S Datasheet HTML 7Page - International Rectifier IR2103S Datasheet HTML 8Page - International Rectifier IR2103S Datasheet HTML 9Page - International Rectifier IR2103S Datasheet HTML 10Page - International Rectifier IR2103S Datasheet HTML 11Page - International Rectifier IR2103S Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IR2103(S)
8
www.irf.com
Figure 13B. Logic "0"(HIN) & Logic "1"(LIN)
Input Voltage vs Voltage
Figure 14A. High Level Output
vs Temperature
Figure 14B. High Level Output vs Voltage
Vcc Supply Voltage (V)
0
0.8
1.6
2.4
3.2
4
10
12
14
16
18
20
Max.
Vcc Supply Voltage (V)
0
0.8
1.6
2.4
3.2
4
- 5 0
- 25
0
2 5
5 0
7 5
1 0 0
12 5
Ma x .
Temperature (
oC)
0
0.2
0.4
0.6
0.8
1
10
12
14
16
18
20
Max.
Figure 13A. Logic "0"(HIN) & Logic "1"(LIN)
Input Voltage vs Temperature
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
Max .
Temperature (
oC)
Temperature (
oC)
0
1
2
3
4
5
6
7
8
- 50
- 25
0
25
50
75
100
125
Min.
Temperature (
oC)
Figure12A. Logic "1" (HIN) & Logic "0" (LIN)
Input Voltage vs Temperature
Figure 12B. Logic "1" (HIN) & Logic "0" (LIN)
Input Voltage vs Voltage
0
1
2
3
4
5
6
7
8
10
12
14
16
18
20
Min.
Min.
VBIAS Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com