Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS570LS3134 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3134
Description  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3134 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS570LS3134 Datasheet HTML 85Page - Texas Instruments TMS570LS3134 Datasheet HTML 86Page - Texas Instruments TMS570LS3134 Datasheet HTML 87Page - Texas Instruments TMS570LS3134 Datasheet HTML 88Page - Texas Instruments TMS570LS3134 Datasheet HTML 89Page - Texas Instruments TMS570LS3134 Datasheet HTML 90Page - Texas Instruments TMS570LS3134 Datasheet HTML 91Page - Texas Instruments TMS570LS3134 Datasheet HTML 92Page - Texas Instruments TMS570LS3134 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 167 page
background image
EMIF_CLK
EMIF_BA[1:0]
EMIF_ADDR[21:0]
EMIF_DATA[15:0]
1
2
2
4
6
8
8
12
14
19
20
3
5
7
7
11
13
17
18
2 EM_CLK Delay
BASIC SDRAM
READ OPERATION
EMIF_nCS[0]
EMIF_nDQM[1:0]
EMIF_nRAS
EMIF_nCAS
EMIF_nWE
TMS570LS3134, TMS570LS2134, TMS570LS2124
www.ti.com
SPNS165B – APRIL 2012 – REVISED MAY 2015
Table 6-28. EMIF Asynchronous Memory Switching Characteristics(1)(2)(3) (continued)
NO.
PARAMETER
MIN
NOM
MAX
UNIT
Output setup time,
22
tsu(EMAV-EMWEL)
EMIFADDR[21:0] valid to
(WS)*E-4
(WS)*E
(WS)*E+3
ns
EMIFnWE low
Output hold time, EMIFnWE high
23
th(EMWEH-EMAIV)
(WH)*E-4
(WH)*E
(WH)*E+3
ns
to EMIFADDR[21:0] invalid
EMIFnWE active low width (EW
(WST)*E-3
(WST)*E
(WST)*E+3
= 0)
24
tw(EMWEL)
ns
EMIFnWE active low width (EW
(WST+(EWC*16))*E-3
(WST+(EWC*16))*E
(WST+(EWC*16))* E+3
= 1)
Delay time from EMIFnWAIT
25
td(EMWAITH-EMWEH)
3E-4
4E
4E+30
ns
deasserted to EMIFnWE high
Output setup time,
26
tsu(EMDV-EMWEL)
EMIFDATA[15:0] valid to
(WS)*E-4
(WS)*E
(WS)*E+3
ns
EMIFnWE low
Output hold time, EMIFnWE high
27
th(EMWEH-EMDIV)
(WH)*E-4
(WH)*E
(WH)*E+3
ns
to EMIFDATA[15:0] invalid
Output setup time,
31
tsu(EMDQMV-EMWEL)
EMIFnDQM[1:0] valid to
(WH)*E-4
(WH)*E
(WH)*E+3
ns
EMIFnWE low
Output hold time, EMIFnWE high
32
th(EMWEH-EMDQMIV)
(WH)*E-4
(WH)*E
(WH)*E+3
ns
to EMIFnDQM[1:0] invalid
6.14.2.2 Synchronous Timing
Figure 6-17. Basic SDRAM Read Operation
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
89
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com