Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150AGGP Datasheet(PDF) 22 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 18Page - Texas Instruments TNETX3150AGGP Datasheet HTML 19Page - Texas Instruments TNETX3150AGGP Datasheet HTML 20Page - Texas Instruments TNETX3150AGGP Datasheet HTML 21Page - Texas Instruments TNETX3150AGGP Datasheet HTML 22Page - Texas Instruments TNETX3150AGGP Datasheet HTML 23Page - Texas Instruments TNETX3150AGGP Datasheet HTML 24Page - Texas Instruments TNETX3150AGGP Datasheet HTML 25Page - Texas Instruments TNETX3150AGGP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
transmit control
Transmit control is partitioned into two blocks:
1.
The frame-control block handles the output of data into the PHY interfaces. A number of error states are
handled. If a collision is detected, the state machine jams the output. If the collision is late (after the first
64-byte buffer has been transmitted), the frame is lost. If it is an early collision, the controller backs off before
retrying. While operating in full duplex, both carrier sense (CRS) mode and collision sensing modes are
disabled.
2.
The FIFO-control block handles the flow of data from the FIFO buffers to the MAC interface for transmission.
The data within a FIFO buffer is cleared only after the data has been successfully transmitted without
collision (for the half-duplex ports). Transmission recovery also is handled in this state machine. If a collision
is detected, frame recovery and retransmission are initiated.
interframe-gap enforcement
The measurement reference for the interframe gap of 96
µs (when transmitting at 10 Mbit/s) is changed,
depending on frame traffic conditions. If a frame is successfully transmitted (without collision), 96
µs is
measured from MXXTXEN. If the frame suffered a collision, 96
µs is measured from MXXCRS, the
TNETX3150/TNETX3150A can receive frames with an interframe gap of less than 9.6
µs, and it always
transmits its frames with an interframe gap at 9.6
µs. The 100-Mbit/s ports can receive frames with an interframe
gap of less than 0.96
µs, and it always transmits its frames with an interframe gap of 0.96 µs.
transmit pacing
When transmit pacing is enabled, the ThunderSWITCH architecture is capable of altering its transmission
routine during times of heavy network activity. The TNETX3150/TNETX3150A is intelligent enough to sense
heavy network traffic and alter its transmission routing by intentionally inserting an extra amount of delay
between transmission attempts. The added delay reduces collision rates, and thus reduces the number of
transmission attempts, which helps reduce CPU utilization, lighten overall network traffic, and allows the
network time to normalize before attempting transmission. If the delay was not added, the
TNETX3150/TNETX3150A would attempt to transmit on an already heavily loaded network, adding to the
network traffic’s unsuccessful transmission attempts.
Each Ethernet MAC incorporates transmit-pacing logic. This is enabled on an individual basis by setting the
TXPACE bit (bit 1) of the port control registers. When set, the MACs use transmit pacing to enhance
performance (when connected on networks using other transmit-pacing-capable MACs). Transmit pacing
introduces delays into the normal transmission of frames, which delays transmission attempts between stations,
reducing the probability of collisions occurring during heavy traffic (as indicated by frame deferrals and
collisions). This increases the chance of successful transmission.
When a frame is deferred, suffers a single collision, multiple collisions, or excessive collisions, the pacing
counter is loaded with the initial value that is loaded into the PACTST register (bits 4–0). When a frame is
transmitted successfully (without experiencing a deferral, single collision, multiple collisions, or excessive
collisions), the pacing counter is decremented by one, down to zero.
With pacing enabled, and after one interframe-pacing-gap (IPG) delay, a frame is permitted to immediately
attempt transmission if the pacing counter is zero. If the pacing counter is zero, normal IPG rules apply. Pacing
delays are not inserted when the pacing counter is zero. If the pacing counter is nonzero, the frame is delayed
by the pacing delay (a delay of approximately four IPGs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com