Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150AGGP Datasheet(PDF) 64 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 64 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 60Page - Texas Instruments TNETX3150AGGP Datasheet HTML 61Page - Texas Instruments TNETX3150AGGP Datasheet HTML 62Page - Texas Instruments TNETX3150AGGP Datasheet HTML 63Page - Texas Instruments TNETX3150AGGP Datasheet HTML 64Page - Texas Instruments TNETX3150AGGP Datasheet HTML 65Page - Texas Instruments TNETX3150AGGP Datasheet HTML 66Page - Texas Instruments TNETX3150AGGP Datasheet HTML 67Page - Texas Instruments TNETX3150AGGP Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
64
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description
FIFO
The FIFO RAM provides temporary storage of network data to allow burst transfers to and from the external
DRAM, to allow network retries, and to run frame filtering.
The FIFO buffers the data between the MAC interfaces and QM block. There are independent FIFOs allocated
for transmit and receive on each port. The depth of FIFO storage is 256 bytes per port for each TX and RX
direction. Each port (256 bytes) is further subdivided into four 64-byte buffers. Each MAC access provides eight
bytes of data and one byte of flag information. The flag information is generated by the MAC interfaces and
passed with the data through the FIFO, providing useful status and control information through the
TNETX3150/TNETX3150A.
64-Bit Data + Flag
64-Byte FIFO Buffer
64-Byte FIFO Buffer
64-Byte FIFO Buffer
64-Byte FIFO Buffer
RX FIFO Pointer
Deserializer
Data Stream Input
MAC Interface
FIFO
FIFO Buffer
Queue
and
DRAM
Control
Queue Management Unit
(QMU)
Working Register
Free Buffer
Stack (4)
Free Queue
Register
External DRAM
(initialized into
buffers)
Figure 23. Data Flow From MAC Interface Through the TNETX3150/TNETX3150A to External DRAM
Each of the 31 FIFO blocks is subdivided into four buffers, each holding 64 bytes of data and eight bytes of flag
information (see Figure 23). The flag byte records EOB information for the last buffer in a frame, where the buffer
can be incompletely used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com