Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150AGGP Datasheet(PDF) 45 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 45 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 41Page - Texas Instruments TNETX3150AGGP Datasheet HTML 42Page - Texas Instruments TNETX3150AGGP Datasheet HTML 43Page - Texas Instruments TNETX3150AGGP Datasheet HTML 44Page - Texas Instruments TNETX3150AGGP Datasheet HTML 45Page - Texas Instruments TNETX3150AGGP Datasheet HTML 46Page - Texas Instruments TNETX3150AGGP Datasheet HTML 47Page - Texas Instruments TNETX3150AGGP Datasheet HTML 48Page - Texas Instruments TNETX3150AGGP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
45
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
transmit queue-length registers at 0x2*N + 0x0080 through 0x2*N + 0x0081
+3
+2
+1
+0
DIO ADDRESS
Transmit queue 1 length
Transmit queue 0 length
0x80
Transmit queue 3 length
Transmit queue 2 length
0x84
Transmit queue 5 length
Transmit queue 4 length
0x88
Transmit queue 7 length
Transmit queue 6 length
0x8C
Transmit queue 9 length
Transmit queue 8 length
0x90
Transmit queue 11 length
Transmit queue 10 length
0x94
Transmit queue 13 length
Transmit queue 12 length
0x98
Reserved
Transmit queue 14 length
0x9C
Reserved
NMON
XCTRL/SIO
Revision register
0xA0
Transmit queues use a residual queue length to control their behavior. Its value indicates how many more
buffers can be added to the queue, rather than how many buffers are on the queue. This is an advantage
because it is easy to detect that the queue is full (length goes negative) and can be adjusted dynamically (2’s
complement addition to the length).
After reset, all transmit queue-length registers are initialized to zero. These registers are part of the address
range that can be read from the EEPROM. The first time value written to the transmit queue-length registers
is the initial value. When the user writes again, the value entered is added as a signed 16-bit integer to the current
value.
As frames are placed on the queue, the transmit queue length is decremented by the number of buffers queued.
Should the transmit queue length become negative (most-significant bit set and the queue is full), no new frames
are added until the length becomes positive by the transmission of buffers. Since a maximum-size frame (1518
bytes) is 24 buffers long, and whole frames are queued based on the current transmit queue-length value, the
queue can consume 23 more buffers than the initial residual length (i.e., if the transmit queue is set to length
= 1, a full-size Ethernet frame still can be queued). As buffers are transmitted, the transmit queue length is
incremented.
The transmit queue registers are used to initialize, alter, and provide status on transmit queue lengths. They
are used in three different ways:
1.
To assign initial transmit queue-length value. The value in the register is used as its initial value when the
first frame is put on the queue.
2.
To indicate current transmit queue-length value. The register is loaded with the transmit queue-length value
when it is updated.
3.
To adjust transmit queue length.
After transmit queue initialization, a value written to this register is added to the current transmit queue-length
value the next time it is updated. The update bit in port status is used to detect initialization or that an update
operation is complete. The operation is a 16-bit addition, allowing the current queue length to be increased or
decreased. The update operation is enabled only when the most-significant byte of the register (15–8) is written
to prevent possible length corruption. Ensure that length bytes are always written least-significant byte first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com