Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6503 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6503
Description  Wideband, Low Power, Linear Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6503 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMH6503 Datasheet HTML 5Page - National Semiconductor (TI) LMH6503 Datasheet HTML 6Page - National Semiconductor (TI) LMH6503 Datasheet HTML 7Page - National Semiconductor (TI) LMH6503 Datasheet HTML 8Page - National Semiconductor (TI) LMH6503 Datasheet HTML 9Page - National Semiconductor (TI) LMH6503 Datasheet HTML 10Page - National Semiconductor (TI) LMH6503 Datasheet HTML 11Page - National Semiconductor (TI) LMH6503 Datasheet HTML 12Page - National Semiconductor (TI) LMH6503 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Typical Performance Charateristics Unless otherwise specified: V
S = ±5V, 25˚C, VG =VG_MAX,VCM
= 0V, R
F =1k
Ω,R
G = 174
Ω, both inputs terminated in 50Ω,R
L = 100
Ω, Typical values, results referred to device
output: (Continued)
Output Offset Voltage vs.V
CM (Typical Unit 3)
Feed through Isolation
20073977
20073918
Gain Flatness and Linear Phase Deviation
Gain Flatness Frequency vs. Gain (Note 13)
20073921
20073924
Group Delay vs. Frequency
K Factor vs. R
G
20073927
20073901
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com