Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6503 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6503
Description  Wideband, Low Power, Linear Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6503 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6503 Datasheet HTML 7Page - National Semiconductor (TI) LMH6503 Datasheet HTML 8Page - National Semiconductor (TI) LMH6503 Datasheet HTML 9Page - National Semiconductor (TI) LMH6503 Datasheet HTML 10Page - National Semiconductor (TI) LMH6503 Datasheet HTML 11Page - National Semiconductor (TI) LMH6503 Datasheet HTML 12Page - National Semiconductor (TI) LMH6503 Datasheet HTML 13Page - National Semiconductor (TI) LMH6503 Datasheet HTML 14Page - National Semiconductor (TI) LMH6503 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Typical Performance Charateristics Unless otherwise specified: V
S = ±5V, 25˚C, VG =VG_MAX,VCM
= 0V, R
F =1k
Ω,R
G = 174
Ω, both inputs terminated in 50Ω,R
L = 100
Ω, Typical values, results referred to device
output: (Continued)
Output Offset Voltage vs. ±V
S for Various VG
(Typical Unit 1)
Output Offset Voltage vs. ±V
S for Various VG
(Typical Unit 2)
20073978
20073979
Output Offset Voltage vs. ±V
S for Various VG
(Typical Unit 3)
Gain vs. V
G (±2.5V)
20073980
20073929
Noise vs. Frequency (A
VMAX = 2)
Noise vs. Frequency (A
VMAX = 10)
20073923
20073922
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com