Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6503 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6503
Description  Wideband, Low Power, Linear Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6503 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMH6503 Datasheet HTML 10Page - National Semiconductor (TI) LMH6503 Datasheet HTML 11Page - National Semiconductor (TI) LMH6503 Datasheet HTML 12Page - National Semiconductor (TI) LMH6503 Datasheet HTML 13Page - National Semiconductor (TI) LMH6503 Datasheet HTML 14Page - National Semiconductor (TI) LMH6503 Datasheet HTML 15Page - National Semiconductor (TI) LMH6503 Datasheet HTML 16Page - National Semiconductor (TI) LMH6503 Datasheet HTML 17Page - National Semiconductor (TI) LMH6503 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Typical Performance Charateristics Unless otherwise specified: V
S = ±5V, 25˚C, VG =VG_MAX,VCM
= 0V, R
F =1k
Ω,R
G = 174
Ω, both inputs terminated in 50Ω,R
L = 100
Ω, Typical values, results referred to device
output: (Continued)
V
G Feedthrough
20073982
Application Information
THEORY OF OPERATION
The LMH6503 is a linear wideband variable-gain amplifier as
illustrated in Figure 1. A voltage input signal may be applied
differentially between the two inputs (+V
IN,−VIN), or single-
endedly by grounding one of the two unused inputs. The
LMH6503 input buffers convert the input voltage to a current
(I
RG) that is a function of the differential input voltage (VINPUT
= (+V
IN) - (−VIN)) and the value of the gain setting resistor
(R
G). This current (IRG) is then mirrored to a gain stage with
a current gain of K (1.72 nominal). The voltage controlled
two-quadrant multiplier attenuates this current which is then
converted to a voltage via the output amplifier. This output
amplifier is a current feedback op amp configured as a
Transimpedance amplifier. Its Transimpedance gain is the
feedback resistor (R
F). The input signal, output, and gain
control are all voltages. The output voltage can easily be
calculated as shown in Equation 1:
(1)
Where K = 1.72 (Nominal)
since:
The gain of the LMH6503 is therefore a function of three
external variables: R
G,RF, and VG as expressed in Equation
2:
(2)
The gain control voltage (V
G) has an ideal input range of −1V
< V
G < +1V. At VG = +1V, the gain of the LMH6503 is at its
maximum as expressed in Equation 3:
(3)
Notice also that Equation 3 holds for both differential and
single ended operation.
CHOOSING R
F AND RG
R
G is calculated from Equation 4. VINPUTMAX is the maxi-
mum peak
(4)
input voltage (V
pk) determined by the application. IRGMAX is
the maximum allowable current through R
G and is typically
2.3mA. Once A
VMAX is determined from the minimum input
and desired output voltages, R
F is then determined using
Equation 5. These values of R
F and RG are
20073951
FIGURE 1. LMH6503 Functional Block Diagram
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com