| Electronic Components Datasheet Search |
|
MSP430F67751IPZ Datasheet(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F67751IPZ Datasheet(HTML) 39 Page - Texas Instruments |
|
39 / 162 page ![]() MSP430F677x1 , MSP430F676x1, MSP430F674x1 www.ti.com SLAS815C – NOVEMBER 2012 – REVISED DECEMBER 2013 TA0 (Link to User's Guide) TA0 is a 16-bit timer/counter (Timer_A type) with three capture/compare registers. TA0 can support multiple capture/compares, PWM outputs, and interval timing. TA0 also has extensive interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare registers. Table 19. TA0 Signal Connections DEVICE INPUT MODULE INPUT MODULE OUTPUT MODULE BLOCK DEVICE OUTPUT SIGNAL SIGNAL NAME SIGNAL PM_TACLK TACLK ACLK (internal) ACLK Timer NA NA SMCLK (internal) SMCLK PM_TACLK INCLK PM_TA0.0 CCI0A PM_TA0.0 CBOUT (Internal) CCI0B CCR0 TA0 DVSS GND DVCC VCC PM_TA0.1 CCI1A PM_TA0.1 ADC10_A (internal) ACLK (internal) CCI1B ADC10SHSx = 001b CCR1 TA1 SD24_B (internal) DVSS GND SD24CHx.SD24SCSx = 001b DVCC VCC PM_TA0.2 CCI2A PM_TA0.2 DVSS CCI2B CCR2 TA2 DVSS GND DVCC VCC TA1 (Link to User's Guide) TA1 is a 16-bit timer/counter (Timer_A type) with two capture/compare registers. TA1 can support multiple capture/compares, PWM outputs, and interval timing. TA1 also has extensive interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare registers. Table 20. TA1 Signal Connections DEVICE OUTPUT MODULE OUTPUT SIGNAL DEVICE INPUT SIGNAL MODULE INPUT NAME MODULE BLOCK SIGNAL PZ PM_TACLK TACLK ACLK (internal) ACLK Timer NA NA SMCLK (internal) SMCLK PM_TACLK INCLK PM_TA1.0 CCI0A PM_TA1.0 CBOUT (Internal) CCI0B CCR0 TA0 DVSS GND DVCC VCC PM_TA1.1 CCI1A PM_TA1.1 ACLK (internal) CCI1B CCR1 TA1 DVSS GND DVCC VCC Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback 39 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |