Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F67751IPZ Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F67751IPZ
Description  Polyphase Metering SoCs
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F67751IPZ Datasheet(HTML) 52 Page - Texas Instruments

Back Button MSP430F67751IPZ Datasheet HTML 48Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 49Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 50Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 51Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 52Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 53Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 54Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 55Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 162 page
background image
MSP430F677x1
, MSP430F676x1, MSP430F674x1
SLAS815C – NOVEMBER 2012 – REVISED DECEMBER 2013
www.ti.com
Table 55. DMA Channel 1 Registers (Base Address: 0500h)
REGISTER DESCRIPTION
REGISTER
OFFSET
DMA channel 1 control
DMA1CTL
20h
DMA channel 1 source address low
DMA1SAL
22h
DMA channel 1 source address high
DMA1SAH
24h
DMA channel 1 destination address low
DMA1DAL
26h
DMA channel 1 destination address high
DMA1DAH
28h
DMA channel 1 transfer size
DMA1SZ
2Ah
Table 56. DMA Channel 2 Registers (Base Address: 0500h)
REGISTER DESCRIPTION
REGISTER
OFFSET
DMA channel 2 control
DMA2CTL
30h
DMA channel 2 source address low
DMA2SAL
32h
DMA channel 2 source address high
DMA2SAH
34h
DMA channel 2 destination address low
DMA2DAL
36h
DMA channel 2 destination address high
DMA2DAH
38h
DMA channel 2 transfer size
DMA2SZ
3Ah
Table 57. eUSCI_A0 Registers (Base Address: 05C0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
USCI_A control word 0
UCA0CTLW0
00h
USCI _A control word 1
UCA0CTLW1
02h
USCI_A baud rate 0
UCA0BR0
06h
USCI_A baud rate 1
UCA0BR1
07h
USCI_A modulation control
UCA0MCTLW
08h
USCI_A status
UCA0STAT
0Ah
USCI_A receive buffer
UCA0RXBUF
0Ch
USCI_A transmit buffer
UCA0TXBUF
0Eh
USCI_A LIN control
UCA0ABCTL
10h
USCI_A IrDA transmit control
UCA0IRTCTL
12h
USCI_A IrDA receive control
UCA0IRRCTL
13h
USCI_A interrupt enable
UCA0IE
1Ah
USCI_A interrupt flags
UCA0IFG
1Ch
USCI_A interrupt vector word
UCA0IV
1Eh
52
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com