Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F67751IPZ Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F67751IPZ
Description  Polyphase Metering SoCs
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F67751IPZ Datasheet(HTML) 79 Page - Texas Instruments

Back Button MSP430F67751IPZ Datasheet HTML 75Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 76Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 77Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 78Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 79Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 80Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 81Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 82Page - Texas Instruments MSP430F67751IPZ Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 162 page
background image
SDA
SCL
t
HD,DAT
t
SU,DAT
t
HD,STA
t
HIGH
t
LOW
t
BUF
t
HD,STA
t
SU,STA
t
SP
t
SU,STO
MSP430F677x1
, MSP430F676x1, MSP430F674x1
www.ti.com
SLAS815C – NOVEMBER 2012 – REVISED DECEMBER 2013
eUSCI (I2C Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 17)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Internal: SMCLK, ACLK
feUSCI
eUSCI input clock frequency
External: UCLK
fSYSTEM
MHz
Duty cycle = 50% ± 10%
fSCL
SCL clock frequency
2 V, 3 V
0
400
kHz
fSCL = 100 kHz
5.1
tHD,STA
Hold time (repeated) START
2 V, 3 V
µs
fSCL > 100 kHz
1.5
fSCL = 100 kHz
5.1
tSU,STA
Setup time for a repeated START
2 V, 3 V
µs
fSCL > 100 kHz
1.4
tHD,DAT
Data hold time
2 V, 3 V
0.4
µs
fSCL = 100 kHz
5.0
tSU,DAT
Data setup time
2 V, 3 V
µs
fSCL > 100 kHz
1.3
fSCL = 100 kHz
5.2
tSU,STO
Setup time for STOP
2 V, 3 V
µs
fSCL > 100 kHz
1.7
UCGLITx = 0
75
220
ns
UCGLITx = 1
35
120
ns
Pulse duration of spikes suppressed by input
tSP
2 V, 3 V
filter
UCGLITx = 2
30
60
ns
UCGLITx = 3
20
35
ns
UCCLTOx = 1
30
ms
tTIMEOUT
Clock low timeout
UCCLTOx = 2
2 V, 3 V
33
ms
UCCLTOx = 3
37
ms
Figure 17. I2C Mode Timing
Schmitt-Trigger Inputs – RTC Tamper Detect Pin
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AUXVCC3
MIN
TYP
MAX
UNIT
1.8 V
0.80
1.40
VIT+
Positive-going input threshold voltage
V
3 V
1.50
2.10
1.8 V
0.45
1.00
VIT–
Negative-going input threshold voltage
V
3 V
0.75
1.65
1.8 V
0.3
0.85
Vhys
Input voltage hysteresis (VIT+ – VIT–)
V
3 V
0.4
1.0
For pullup: VIN = VSS
RPull
Pullup or pulldown resistor
For pulldown: VIN =
20
35
50
k
Ω
AUXVCC3
CI
Input capacitance
VIN = VSS or AUXVCC3
5
pF
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com