Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2141IPWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2141IPWPR
Description  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2141IPWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2141IPWPR Datasheet HTML 17Page - Texas Instruments TPS2141IPWPR Datasheet HTML 18Page - Texas Instruments TPS2141IPWPR Datasheet HTML 19Page - Texas Instruments TPS2141IPWPR Datasheet HTML 20Page - Texas Instruments TPS2141IPWPR Datasheet HTML 21Page - Texas Instruments TPS2141IPWPR Datasheet HTML 22Page - Texas Instruments TPS2141IPWPR Datasheet HTML 23Page - Texas Instruments TPS2141IPWPR Datasheet HTML 24Page - Texas Instruments TPS2141IPWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399A − JANUARY 2002 − REVISED MAY 2006
21
www.ti.com
APPLICATION INFORMATION
undervoltage lockout (UVLO)
An undervoltage lockout ensures that the device (LDO and switch) is in the off state at power up. The UVLO
also keeps the device from being turned on until the power supply has reached the start threshold (see
undervoltage lockout table), even if the switches are enabled. The UVLO is also activated whenever the input
voltage falls below the stop threshold as defined in the undervoltage lockout table. This function facilitates the
design of hot-insertion systems where it is not possible to turn off the power switches before input power is
removed. Upon reinsertion, the power switches are turned on with a controlled rise time to reduce EMI and
voltage overshoots.
universal serial bus (USB) applications
The universal serial bus (USB) interface is a multiplexed serial bus operating at either 12 Mbps, or 1.5 Mbps
for USB 1.1, or 480 Mbps for USB 2.0. The USB interface is designed to accommodate the bandwidth required
by PC peripherals such as keyboards, printers, scanners, and mice. The four-wire USB interface was conceived
for dynamic attach-detach (hot plug-unplug) of peripherals. Two lines are provided for differential data, and two
lines are provided for 5-V power distribution.
USB data is a 3.3-V level signal, but power is distributed at 5 V to allow for voltage drops in cases where power
is distributed through more than one hub across long cables. Each function must provide its own regulated 3.3 V
from the 5-V input or its own internal power supply.
The USB specification defines the following five classes of devices, each differentiated by power-consumption
requirements:
D Hosts/self-powered hubs (SPH)
D Bus-powered hubs (BPH)
D Low-power, bus-powered functions
D High-power, bus-powered functions
D Self-powered functions
The TPS2140/41/50/51 are well suited for USB hub and peripheral applications. The internal LDO can be used
to provide the 3.3-V power needed by the controller while the switch distributes power to the downstream
functions.
USB power-distribution requirements
USB can be implemented in several ways, and, regardless of the type of USB device being developed, several
power-distribution features must be implemented.
D Hosts/self-powered hubs must:
−
Current-limit downstream ports
−
Report overcurrent conditions on USB VBUS
D Bus−powered hubs must:
−
Enable/disable power to downstream ports
−
Power up at <100 mA
−
Limit inrush current (<44
Ω and 10 µF)
D Functions must:
−
Limit inrush currents
−
Power up at <100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com