Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2141IPWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2141IPWPR
Description  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2141IPWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2141IPWPR Datasheet HTML 9Page - Texas Instruments TPS2141IPWPR Datasheet HTML 10Page - Texas Instruments TPS2141IPWPR Datasheet HTML 11Page - Texas Instruments TPS2141IPWPR Datasheet HTML 12Page - Texas Instruments TPS2141IPWPR Datasheet HTML 13Page - Texas Instruments TPS2141IPWPR Datasheet HTML 14Page - Texas Instruments TPS2141IPWPR Datasheet HTML 15Page - Texas Instruments TPS2141IPWPR Datasheet HTML 16Page - Texas Instruments TPS2141IPWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399A − JANUARY 2002 − REVISED MAY 2006
13
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 7. Switch Turnon Inrush Current With
Different Load Capacitance
CL(SW_OUT) = 120 µF
CL(SW_OUT) = 600 µF
CL(SW_OUT) = 10 µF
t − Time − 5 ms/div
VI (SW_EN)
5 V/div
II (SW_IN)
0.1 A/div
Figure 8. Switch Short-Circuit Current, With
Switch Enabled Into a Short Circuit
t − Time − 1 ms/div
VI (SW_EN)
5 V/div
II (SW_IN)
50 m A/div
Figure 9. LDO Turnon Delay and Rise Time With 4.7
µF Load (LDO_OUT Shorted With LDO_PLDN)
SW_EN = 5 V
SW_EN = 0 V
t − Time − 200
µs/div
VI (LDO_EN)
5 V/div
VO (LDO_OUT)
1 V/div
VO (LDO_OUT)
1 V/div
Figure 10. LDO Turnoff Delay and Fall Time With
4.7
µF Load (LDO_OUT Shorted With LDO_PLDN)
SW_EN = 5 V
SW_EN = 0 V
t − Time − 1 ms/div
VI (LDO_EN)
5 V/div
VO (LDO_OUT)
1 V/div
VO (LDO_OUT)
1 V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com