Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2141IPWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2141IPWPR
Description  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2141IPWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2141IPWPR Datasheet HTML 3Page - Texas Instruments TPS2141IPWPR Datasheet HTML 4Page - Texas Instruments TPS2141IPWPR Datasheet HTML 5Page - Texas Instruments TPS2141IPWPR Datasheet HTML 6Page - Texas Instruments TPS2141IPWPR Datasheet HTML 7Page - Texas Instruments TPS2141IPWPR Datasheet HTML 8Page - Texas Instruments TPS2141IPWPR Datasheet HTML 9Page - Texas Instruments TPS2141IPWPR Datasheet HTML 10Page - Texas Instruments TPS2141IPWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399A − JANUARY 2002 − REVISED MAY 2006
7
www.ti.com
electrical characteristics over recommended operating junction temperature range,
VI(SW_IN) = 3.3 V for TPS2140/50, VI(SW_IN) = 5 V for TPS2141/51, VI(LDO_IN) =5V, all outputs unloaded
(unless otherwise noted)
general
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power switch operat-
ing supply current
TPS2140, TPS2150
2.7 V < VI(SW_IN) < 5.5 V, VI(LDO_IN) = 0,
VI(SW_EN) = 5.5 V or VI(/SW_EN) = 0 V,
VI(LDO_EN) = 0 V, No load
85
110
ing supply current
IOP_SW
TPS2141, TPS2151
4.1 V< VI(SW_IN) < 5.5 V, VI(LDO_IN) = 0,
VI(SW_EN) = 5.5 V or VI(/SW_EN) = 0 V,
VILDO_EN) = 0 V, No load
85
110
A
Power switch standby
supply current
TPS2140, TPS2150
2.7 V< VI(SW_IN) <5.5 V, VI(LDO_IN) = 0,
VI(SW_EN) = 0 V or VI(/SW_EN) = 5.5 V,
VI(LDO_EN) = 0 V, No load
5
10
µA
supply current
ISTBY_SW
TPS2141, TPS2151
4.1 V< VI(SW_IN) < 5.5 V, VI(LDO_IN) = 0,
VI(SW_EN) = 0 V or VI(/SW_EN) = 5.5 V,
VI(LDO_EN) = 0 V, No load
5
10
LDO operating supply current IOP_LDO
2.7 V< VI(LDO_IN) <5.5 V, VI(SW_IN) = 0 V,
VI(SW_EN) = 0 V or VI(/SW_EN) = 5.5 V,
VI(LDO_EN) = 5 V, No load
90
120
A
LDO standby supply current ISTBY_LDO
2.7 V< VI(LDO_IN) <5.5 V, VI(SW_IN) = 0 V,
VI(SW_EN) = 0 V or VI(/SW_EN) = 5.5 V,
VI(LDO_EN) = 0 V, No load
5
10
µA
Power switch and LDO
total operating supply
TPS2140, TPS2150
2.7 V< VI(SW_IN) <5.5 V, VI(SW_EN) = 5.5 V or
VI(/SW_EN) = 0 V, VI(LDO_EN) = 5 V, No load
2.7 V< VI(LDO_IN) <5.5 V
150
total operating supply
current IOP_TOTAL
TPS2141, TPS2151
4.1 V< VI(SW_IN) <5.5 V, VI(SW_EN) = 5.5 V or
VI(/SW_EN) = 0 V, VI(LDO_EN) = 5 V, No load
2.7 V< VI(LDO_IN) <5.5 V
150
A
Power switch and LDO
total standby supply
TPS2140, TPS2150
2.7 V< VI(SW_IN) <5.5 V, VI(SW_EN) = 0 V or
VI(/SW_EN) = 5.5 V, VI(LDO_EN) = 0 V, No load
2.7 V<VI(LDO_IN) <5.5 V
10
µA
total standby supply
current ISTBY_TOTAL
TPS2141, TPS2151
4.1 V< VI(SW_IN) <5.5 V, VI(SW_EN) = 0 V or
VI(/SW_EN) = 5.5 V, VI(LDO_EN) = 0 V, No load
2.7 V<VI(LDO_IN) <5.5 V
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com