Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7342 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7342
Description  Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7342 Datasheet(HTML) 1 Page - International Rectifier

  IRF7342 Datasheet HTML 1Page - International Rectifier IRF7342 Datasheet HTML 2Page - International Rectifier IRF7342 Datasheet HTML 3Page - International Rectifier IRF7342 Datasheet HTML 4Page - International Rectifier IRF7342 Datasheet HTML 5Page - International Rectifier IRF7342 Datasheet HTML 6Page - International Rectifier IRF7342 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HEXFET® Power MOSFET
PD -91859
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
2/24/99
Description
l Generation V Technology
l Ultra Low On-Resistance
l Dual P-Channel Mosfet
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
SO -8
VDSS = -55V
RDS(on) = 0.105Ω
IRF7342
www.irf.com
1
Parameter
Max.
Units
VDS
Drain- Source Voltage
-55
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
-3.4
ID @ TC = 70°C
Continuous Drain Current, VGS @ 10V
-2.7
A
IDM
Pulsed Drain Current

-27
PD @TC = 25°C
Power Dissipation
2.0
PD @TC = 70°C
Power Dissipation
1.3
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
± 20
V
VGSM
Gate-to-Source Voltage Single Pulse tp<10µs
30
V
EAS
Single Pulse Avalanche Energy
‚
114
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
…
–––
62.5
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
D1
D1
D2
D2
G1
S2
G2
S1
T op V iew
8
1
2
3
4
5
6
7


Similar Part No. - IRF7342

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRF7342 UMW-IRF7342 Datasheet
347Kb / 7P
Dual P-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRF7342 EVVOSEMI-IRF7342 Datasheet
334Kb / 7P
Dual P-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7342D2 IRF-IRF7342D2 Datasheet
144Kb / 11P
FETKY MOSFET & Schottky Diode
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
FETKY MOSFET & Schottky Diode
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
203Kb / 11P
Ideal For Buck Regulator Applications
More results

Similar Description - IRF7342

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com