Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS617 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS617
Description  Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS617 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS617 Datasheet HTML 1Page - Allegro MicroSystems ATS617 Datasheet HTML 2Page - Allegro MicroSystems ATS617 Datasheet HTML 3Page - Allegro MicroSystems ATS617 Datasheet HTML 4Page - Allegro MicroSystems ATS617 Datasheet HTML 5Page - Allegro MicroSystems ATS617 Datasheet HTML 6Page - Allegro MicroSystems ATS617 Datasheet HTML 7Page - Allegro MicroSystems ATS617 Datasheet HTML 8Page - Allegro MicroSystems ATS617 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Dynamic, Self-Calibrating, Peak-Detecting, Differential
Hall Effect Gear Tooth Sensor IC
ATS617LSG
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS (continued) over operating voltage and temperature range, unless otherwise noted
Characteristic
Symbol
Test Condition
Min.
Typ.1
Max.
Unit
Performance Characteristics (continued)
Initial Calibration Cycle5
ncal
Output edges before calibration is completed, at fsig<100Hz
–
1
–
edge
Calibration Mode Disable
ndis
Output falling edges for startup calibration to be complete
64
64
64
edge
Relative Timing Accuracy, Sequential6,7
Eθ
Target Speed = 1000 rpm, BAG(p-p) > 100 G
–
±0.5
±0.75
deg.
Target Speed = 1000 rpm, BAG(p-p) > 60 G
–
–
±1.5
deg.
Allowable User Induced Differential Offset4
∆BApp
Output switching only; may not meet data sheet specifica-
tions
–
–
±50
G
Switching Hysteresis, Start-up
VSWHYS(su)
–
190
–
mV
Switching Hysteresis, Running Mode
VSWHYS(rm)
–
105
–
mV
1 Typical data is at VCC = 12 V and TA = 25°C. Performance may vary for individual units, within the specified maximum and minimum limits.
2 Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
3 This performance is not dominated by the design of the ATS617, it is determined primarily by the external interface circuitry.
4 1 G (gauss) = 0.1 mT (millitesla), exactly.
5 Non-uniform magnetic profiles may require additional edges before calibration is complete.
6 For Allegro 60+2 reference target.
7 Accuracy may be compromised during the calibration cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com