Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS617 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ATS617
Description  Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS617 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ATS617 Datasheet HTML 4Page - Allegro MicroSystems ATS617 Datasheet HTML 5Page - Allegro MicroSystems ATS617 Datasheet HTML 6Page - Allegro MicroSystems ATS617 Datasheet HTML 7Page - Allegro MicroSystems ATS617 Datasheet HTML 8Page - Allegro MicroSystems ATS617 Datasheet HTML 9Page - Allegro MicroSystems ATS617 Datasheet HTML 10Page - Allegro MicroSystems ATS617 Datasheet HTML 11Page - Allegro MicroSystems ATS617 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Dynamic, Self-Calibrating, Peak-Detecting, Differential
Hall Effect Gear Tooth Sensor IC
ATS617LSG
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Air Gap (mm)
0.5
1.0
1.5
2.2
2.5
Rising Edge
Falling Edge
Rising Edge
Falling Edge
Rising Edge
Falling Edge
Rising Edge
Falling Edge
Rising Edge
Falling Edge
Rising Edge
Falling Edge
Speed (krpm)
0
0.5
1.0
1.5
2.0
2.5
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Speed (krpm)
0
0.5
1.0
1.5
2.0
2.5
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Speed (krpm)
0
0.5
1.0
1.5
2.0
2.5
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Speed (krpm)
0
0.5
1.0
1.5
2.0
2.5
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Speed (krpm)
0
0.5
1.0
1.5
2.0
2.5
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Speed (krpm)
0
0.5
1.0
1.5
2.0
2.5
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Speed (krpm)
0
0.5
1.0
1.5
2.0
2.5
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Speed (krpm)
0
0.5
1.0
1.5
2.0
2.5
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Speed (krpm)
0
0.5
1.0
1.5
2.0
2.5
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Speed (krpm)
0
0.5
1.0
1.5
2.0
2.5
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Speed (krpm)
0
0.5
1.0
1.5
2.0
2.5
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
Speed (krpm)
0
0.5
1.0
1.5
2.0
2.5
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
TA = –40°C
TA = 25°C
Edge Position versus Target Speed through Ambient Temperature Range
TA = 150°C
Continued on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com