| Electronic Components Datasheet Search |
|
ATS617 Datasheet(PDF) 1 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS617 Datasheet(HTML) 1 Page - Allegro MicroSystems |
|
1 / 16 page ![]() Description The ATS617 gear-tooth sensor IC is a peak-detecting device that uses automatic gain control and an integrated capacitor to provide extremely accurate gear edge detection down to low operating speeds. Each device consists of a high-temperature plastic shell that holds together a samarium-cobalt pellet, a pole piece, and a differential open-collector Hall IC that has been optimized to the magnetic circuit. This small package can be easily assembled and used in conjunction with a wide variety of gear shapes and sizes. The technology used for this device is Hall-effect based. The device incorporates a dual-element Hall IC that switches in response to differential magnetic signals created by ferromagnetic targets. The sophisticated processing circuitry contains an A-to-D converter that self-calibrates (normalizes) the internal gain of the device to minimize the effect of air gap variations. The patented peak-detecting filter circuit provides immunity to magnet and system offsets and has the ability to discriminate relatively fast changes such as those caused by tilt, gear wobble, and eccentricities.This easy-to-integrate solution provides first falling edge detection and stable operation to extremely low rpm. The ATS617 can be used as a replacement for the ATS616. The ATS617 is ideal for use in systems that gather speed, position, and timing information using gear-tooth-based ATS617LSG-DS, Rev. 1 Features and Benefits ▪ Self-calibrating for tight timing accuracy ▪ First-tooth detection ▪ Immunity to air gap variation and system offsets ▪ Immunity to signature tooth offsets ▪ Integrated capacitor provides analog peak and valley information ▪ Low timing-accuracy drift with temperature changes ▪ Low radiated emissions ▪ Integrated, series resistor on VCC pin for improved transient immunity ▪ Large air gap capability ▪ Small, integrated package ▪ Optimized magnetic circuit ▪ Undervoltage lockout (UVLO) ▪ Wide operating voltage range Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor IC Continued on the next page… Package: 4-pin SIP (suffix SG) Not to scale ATS617LSG GND VOUT VC RS C Voltage Regulator TEST Hall Amp Reference Generator Gain Current Limit (Recommended) Hall Amp Track and Hold Track and Hold UVLO Power-On Logic Tooth and Valley Comparator Functional Block Diagram |
Similar Part No. - ATS617 |
|
Similar Description - ATS617 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |