Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA347NA/3K Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA347NA/3K
Description  microPower, Rail-to-Rail Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA347NA/3K Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA347NA/3K Datasheet HTML 6Page - Texas Instruments OPA347NA/3K Datasheet HTML 7Page - Texas Instruments OPA347NA/3K Datasheet HTML 8Page - Texas Instruments OPA347NA/3K Datasheet HTML 9Page - Texas Instruments OPA347NA/3K Datasheet HTML 10Page - Texas Instruments OPA347NA/3K Datasheet HTML 11Page - Texas Instruments OPA347NA/3K Datasheet HTML 12Page - Texas Instruments OPA347NA/3K Datasheet HTML 13Page - Texas Instruments OPA347NA/3K Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
OPA347, 2347, 4347
10
SBOS167C
www.ti.com
FIGURE 8. OPA347 in Noninverting Configuration Driving ADS7822.
FIGURE 9. Speech Bandpass Filtered Data Acquisition System.
ADS7822
12-Bit ADC
DCLOCK
D
OUT
CS/SHDN
OPA347
+5V
V
IN
V+
2
+In
3
–In
V
REF
8
4
GND
Serial
Interface
1
0.1
µF
0.1
µF
7
6
5
NOTE: ADC Input = 0V to V
REF
V
IN = 0V to 5V for
0V to 5V output.
RC network filters high-frequency noise.
500
Ω
3300pF
C
3
33pF
V+
GND
3
1
8
4
5
6
7
–IN
+IN
2
DCLOCK
Serial
Interface
C
2
1000pF
R
1
1.5k
Ω
R
4
20k
Ω
R
5
20k
Ω
R
6
100k
Ω
R
8
150k
Ω
R
9
510k
Ω
R
7
51k
Ω
D
OUT
V
REF
V+ = +2.7V to 5V
CS/SHDN
C1
1000pF
Electret
Microphone(1)
G = 100
Passband 300Hz to 3kHz
R
3
1M
Ω
R
2
1M
Ω
NOTE: (1) Electret microphone
powered by R
1.
ADS7822
12-Bit A/D
1/2
OPA2347
1/2
OPA2347



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com