Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA347NA/3K Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA347NA/3K
Description  microPower, Rail-to-Rail Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA347NA/3K Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA347NA/3K Datasheet HTML 13Page - Texas Instruments OPA347NA/3K Datasheet HTML 14Page - Texas Instruments OPA347NA/3K Datasheet HTML 15Page - Texas Instruments OPA347NA/3K Datasheet HTML 16Page - Texas Instruments OPA347NA/3K Datasheet HTML 17Page - Texas Instruments OPA347NA/3K Datasheet HTML 18Page - Texas Instruments OPA347NA/3K Datasheet HTML 19Page - Texas Instruments OPA347NA/3K Datasheet HTML 20Page - Texas Instruments OPA347NA/3K Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
OPA347, 2347, 4347
17
SBOS167C
www.ti.com
DCN (R-PDSO-G8)
PLASTIC SMALL-OUTLINE
C
4202106/A 03/01
3,00
2,80
3,00
2,60
1,50
1,75
Area
0,28
0,45
0
°–10°
0,09
0,20
1,30
0,90
0,10
0,60
Index
0,00
0,15
–A–
0,65
0,90
1,45
1,95 REF
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Foot length measured reference to flat foot surface
parallel to Datum A.
D. Package outline exclusive of mold flash, metal burr and
dambar protrusion/intrusion.
E. Package outline inclusive of solder plating.
F. A visual index feature must be located within the
cross-hatched area.
PACKAGE DRAWINGS (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com