Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA347NA/3K Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA347NA/3K
Description  microPower, Rail-to-Rail Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA347NA/3K Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA347NA/3K Datasheet HTML 12Page - Texas Instruments OPA347NA/3K Datasheet HTML 13Page - Texas Instruments OPA347NA/3K Datasheet HTML 14Page - Texas Instruments OPA347NA/3K Datasheet HTML 15Page - Texas Instruments OPA347NA/3K Datasheet HTML 16Page - Texas Instruments OPA347NA/3K Datasheet HTML 17Page - Texas Instruments OPA347NA/3K Datasheet HTML 18Page - Texas Instruments OPA347NA/3K Datasheet HTML 19Page - Texas Instruments OPA347NA/3K Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
OPA347, 2347, 4347
16
SBOS167C
www.ti.com
DCK (R-PDSO-G5)
PLASTIC SMALL-OUTLINE
0,10
M
0,10
0,65
0
°–8°
0,15
0,46
0,26
Gage Plane
0,13 NOM
4093553/B 06/99
0,15
0,30
1,40
1,10
2,30
1,90
4
5
2,15
1,85
1
3
1,10
0,80
0,10
0,00
Seating Plane
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC MO-203
PACKAGE DRAWINGS (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com