Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF88332DA Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCF88332DA
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88332DA Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCF88332DA Datasheet HTML 49Page - NXP Semiconductors PCF88332DA Datasheet HTML 50Page - NXP Semiconductors PCF88332DA Datasheet HTML 51Page - NXP Semiconductors PCF88332DA Datasheet HTML 52Page - NXP Semiconductors PCF88332DA Datasheet HTML 53Page - NXP Semiconductors PCF88332DA Datasheet HTML 54Page - NXP Semiconductors PCF88332DA Datasheet HTML 55Page - NXP Semiconductors PCF88332DA Datasheet HTML 56Page - NXP Semiconductors PCF88332DA Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
2003 Feb 14
53
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
Table 65 Set TCVOP slopes C and D register bits; note 1
Note
1. X = don’t care.
Table 66 Set TCVOP slopes multiplication factors; note 1
Note
1. For the reset state refer to Table 4. Values overwritten by OTP.
D/C
76543210
DEFAULT
011000100
C4H
1
X
SLD2
SLD1
SLD0
X
SLC2
SLC1
SLC0
75H
SLA[2:0]
SLB[2:0]
SLC[2:0]
SLD[2:0]
MA
MB
MC
MD
SLOPE
111
1.250
−53.33 mV/°C
110
1.000
−42.66 mV/°C
101
0.875
−37.33 mV/°C
100
0.750
−32.00 mV/°C
011
0.625
−26.66 mV/°C
010
0.500
−21.33 mV/°C
001
0.375
−16.00 mV/°C
000
0.250
−10.66 mV/°C
handbook, full pagewidth
MGU938
VLCD
T (
°C)
20
50
80
−40
−10
MA
MC
MB
MD
Fig.29 Example of segmented temperature coefficients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com