| Electronic Components Datasheet Search |
|
PCF88332DA Datasheet(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF88332DA Datasheet(HTML) 23 Page - NXP Semiconductors |
|
23 / 112 page ![]() 2003 Feb 14 23 Philips Semiconductors Objective specification STN RGB - 132 × 132 × 3 driver PCF8833 6.2.11 NORMAL DISPLAY MODE ON The normal Display mode on command (NORON) turns the display into Normal mode which is also the reset state. An explanation of how the command NORON can be used is illustrated in Fig.6. Table 20 Normal Display mode on register bits 6.2.12 DISPLAY INVERSION OFF The Display inversion off command (INVOFF) turns the display into a non-inverted screen without modifying the display data RAM. Display inversion off is the reset state of the PCF8833. Table 21 Display inversion off register bits 6.2.13 DISPLAY INVERSION ON The Display inversion on command (INVON) turns the display into an inverted screen without modifying the display data RAM. The RAM data is read out and inverted while writing to the display. The display Inversion mode can be switched off by sending the INVOFF command; see Section 6.2.12. When sending INVON, in Partial mode only, the pixels of a partial area are inverted. INVON is overruled by DAL and DALO. In Partial mode the pixels outside of the partial are always off. Table 22 Display inversion on register bits 6.2.14 ALL PIXELS OFF The All pixels off command (DALO) can be switched off by sending the normal display on command (NORON) (see Section 6.2.11) or by sending the partial Display mode on command (PTLON); see Section 6.2.10. Furthermore DALO is left with the command DAL; see Section 6.2.15. When DALO is active all pixels are driven, as if the display RAM was filled with all zeros (off-state). DALO does not change the data stored in the display RAM. Figure 6 illustrates how DAL (all pixels on) and DALO (all pixels off) can be used. All pixels will be switched off regardless of the display data RAM. Table 23 All pixels off register bits D/C D7D6D5D4D3D2D1D0 DEFAULT 000010011 13H D/C 76543210 DEFAULT 000100000 20H D/C 76543210 DEFAULT 000100001 21H D/C 76543210 DEFAULT 000100010 22H |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |