| Electronic Components Datasheet Search |
|
PCF88332DA Datasheet(PDF) 38 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF88332DA Datasheet(HTML) 38 Page - NXP Semiconductors |
|
38 / 112 page ![]() 2003 Feb 14 38 Philips Semiconductors Objective specification STN RGB - 132 × 132 × 3 driver PCF8833 handbook, full pagewidth 0 1 2 3 4 5 8 6 7 126 129 130 131 127 128 123 122 121 124 125 TF = 8 BF = 8 TF = 8 SA − 1 = 114 BF = 8 RAM (132 x 132) display (132 x 130) MGU926 SEP[7:0] SEP−2 0 0 1 2 3 4 7 SEP 5 6 127 130 131 131 128 129 124 9 8 122 121 125 126 1 buffer row 1 unused row Fig.17 The non-rolling Scroll mode (TF + SA + BF = 131) for LAO = 0. 6.2.24.3 Non-rolling Scroll mode The RAM-to-display mapping for the non-rolling Scroll mode when a 132 × 130 (columns × rows) display is connected to the PCF8833 is illustrated in Fig.18. In this case unused rows and columns are to be left open, for instance row 0 and 131. If a 132 × 132 display is connected to the PCF8833 the content of row 0 and 131 will be the same as the content which is displayed in row 1 and 130, respectively. By doing so the display data RAM will have 2 rows in the background, whose content can be updated when they are not displayed. The non-rolling Scroll mode is activated when the Set Entry Scroll Point is set; see Table Fig.37. Figure 19 shows an example for when the PCF8833 is working in the non-rolling Scroll mode (TF + SA + BF = 132). When the non-rolling Scroll mode is used the following sequence can be applied. • Fill the background memory • After the desired time interval increment the scroll address to SEP + n for a n-line step • Keep filling the background memory and incrementing scroll address (SEP) at regular intervals to obtain a smooth scrolling. The non-rolling Scroll mode is left when the normal Display mode on (NORON) or the partial Display mode on (PTLON) is selected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |