| Electronic Components Datasheet Search |
|
VT8231 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT8231 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 132 page ![]() VT8231 Preliminary Revision 0.8 October 29, 1999 -15- Pinouts 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW UltraDMA-33 / 66 Enhanced IDE Interface Signal Name Pin # I/O Signal Description PDRDY / PDDMARDY / PDSTROBE N19 I EIDE Mode: Primary I/O Channel Ready. Device ready indicator UltraDMA Mode: Primary Device DMA Ready. Output flow control. The device may assert DDMARDY to pause output transfers Primary Device Strobe. Input data strobe (both edges). The device may stop DSTROBE to pause input data transfers SDRDY / SDDMARDY / SDSTROBE Y20 I EIDE Mode: Secondary I/O Channel Ready. Device ready indicator UltraDMA Mode: Secondary Device DMA Ready. Output flow control. The device may assert DDMARDY to pause output transfers Secondary Device Strobe. Input data strobe (both edges). The device may stop DSTROBE to pause input data transfers PDIOR# / PHDMARDY / PHSTROBE N18 O EIDE Mode: Primary Device I/O Read. Device read strobe UltraDMA Mode: Primary Host DMA Ready. Primary channel input flow control. The host may assert HDMARDY to pause input transfers Primary Host Strobe. Output data strobe (both edges). The host may stop HSTROBE to pause output data transfers SDIOR# / SHDMARDY / SHSTROBE W19 O EIDE Mode: Secondary Device I/O Read. Device read strobe UltraDMA Mode: Secondary Host DMA Ready. Input flow control. The host may assert HDMARDY to pause input transfers Host Strobe B. Output strobe (both edges). The host may stop HSTROBE to pause output data transfers PDIOW# / PSTOP P20 O EIDE Mode: Primary Device I/O Write. Device write strobe UltraDMA Mode: Primary Stop. Stop transfer: Asserted by the host prior to initiation of an UltraDMA burst; negated by the host before data is transferred in an UltraDMA burst. Assertion of STOP by the host during or after data transfer in UltraDMA mode signals the termination of the burst. SDIOW# / SSTOP Y19 O EIDE Mode: Secondary Device I/O Write. Device write strobe UltraDMA Mode: Secondary Stop. Stop transfer: Asserted by the host prior to initiation of an UltraDMA burst; negated by the host before data is transferred in an UltraDMA burst. Assertion of STOP by the host during or after data transfer in UltraDMA mode signals the termination of the burst. PDDRQ P19 I Primary Device DMA Request. Primary channel DMA request SDDRQ U17 I Secondary Device DMA Request. Secondary channel DMA request PDDACK# N20 O Primary Device DMA Acknowledge. Primary channel DMA acknowledge SDDACK# W20 O Secondary Device DMA Acknowledge. Secondary channel DMA acknowledge IRQ14 T14 I Primary Channel Interrupt Request. IRQ15 U14 I Secondary Channel Interrupt Request. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |